Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM485ARMZ-REEL1 Datasheet (PDF) - Analog Devices

ADM485ARMZ-REEL1 Datasheet PDF - Analog Devices
Part # ADM485ARMZ-REEL1
Download  ADM485ARMZ-REEL1 Download
File Size   607.33 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Meets EIA RS-485 standard

ADM485ARMZ-REEL1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM485ARMZ-REEL1 Datasheet PDF - Analog Devices

Part # ADM485ARMZ-REEL1
Download  ADM485ARMZ-REEL1 Click to download

File Size   607.33 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Meets EIA RS-485 standard

ADM485ARMZ-REEL1 Datasheet (HTML) - Analog Devices


ADM485ARMZ-REEL1 Product details

GENERAL DESCRIPTION
The ADM485 is a differential line transceiver suitable for high speed bidirectional data communication on multipoint bus transmission lines. It is designed for balanced data transmission and complies with EIA standards RS-485 and RS-422. The part contains a differential line driver and a differential line receiver. Both the driver and the receiver can be enabled independently. When disabled, the outputs are three-stated.
The ADM485 operates from a single 5 V power supply. Excessive power dissipation caused by bus contention or by output shorting is prevented by a thermal shutdown circuit. If during fault conditions, a significant temperature increase is detected in the internal driver circuitry, this feature forces the driver output into a high impedance state.
Up to 32 transceivers can be connected simultaneously on a bus, but only one driver should be enabled at any time. It is important, therefore, that the remaining disabled drivers do not load the bus. To ensure this, the ADM485 driver features high output impedance when disabled and when powered down, which minimizes the loading effect when the transceiver is not being used. The high impedance driver output is maintained over the common-mode voltage range of −7 V to +12 V.
The receiver contains a fail-safe feature that results in a logic high output state if the inputs are unconnected (floating). The ADM485 is fabricated on BiCMOS, an advanced mixed technology process combining low power CMOS with fast switching bipolar technology. All inputs and outputs contain protection against ESD; all driver outputs feature high source and sink current capability. An epitaxial layer is used to guard against latch-up.
The ADM485 features extremely fast switching speeds. Minimal driver propagation delays permit transmission at data rates up to 5 Mbps while low skew minimizes EMI interference. The part is fully specified over the commercial and industrial temperature range and is available in 8-lead PDIP, 8-lead SOIC, and small footprint, 8-lead MSOP packages.

FEATURES
  Meets EIA RS-485 standard
  5 Mbps data rate
  Single 5 V supply
  –7 V to +12 V bus common-mode range
  High speed, low power BiCMOS
  Thermal shutdown protection
  Short-circuit protection
  Driver propagation delay: 10 ns typical
  Receiver propagation delay: 15 ns typical
  High-Z outputs with power off
  Superior upgrade for LTC485

APPLICATIONS
  Low power RS-485 systems
  DTE/DCE interface
  Packet switching
  Local area networks (LNAs)
  Data concentration
  Data multiplexers
  Integrated services digital network (ISDN)




Similar Part No. - ADM485ARMZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM485ARMZ-REEL AD-ADM485ARMZ-REEL Datasheet
606Kb / 16P
5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM485ARMZ-REEL7 AD-ADM485ARMZ-REEL7 Datasheet
606Kb / 16P
5 V Low Power EIA RS-485 Transceiver
Rev. F
More results


Similar Description - ADM485ARMZ-REEL1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
-5 V Low Power EIA RS-485 Transceiver
REV.A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
5 V Low Power EIA RS-485 Transceiver
REV.A
logo
National Semiconductor ...
DS36C280 NSC-DS36C280_00 Datasheet
563Kb / 9P
Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
List of Unclassifed Man...
9841 ETC1-9841 Datasheet
39Kb / 3P
Low Capacitance EIA RS-485
RC20GF621J ETC2-RC20GF621J Datasheet
189Kb / 2P
Meets performance standards of EIA RS-172
logo
Analog Devices
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
TT Electronics.
IBT TTELEC-IBT Datasheet
333Kb / 3P
Meets performance standards of EIA RS-172
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com