Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10BQ100M Datasheet (PDF) - Vishay Siliconix

10BQ100M Datasheet PDF - Vishay Siliconix
Part # 10BQ100M
Download  10BQ100M Download
File Size   111.56 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 1 A

10BQ100M Datasheet (PDF)

Go To PDF Page Download Datasheet
10BQ100M Datasheet PDF - Vishay Siliconix

Part # 10BQ100M
Download  10BQ100M Click to download

File Size   111.56 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 1 A

10BQ100M Datasheet (HTML) - Vishay Siliconix


10BQ100M Product details

DESCRIPTION
The VS-10BQ100-M3 surface mount Schottky rectifier has been designed for applications requiring low forward drop and very small foot prints on PC boards. Typical applications are in disk drives, switching power supplies, converters, freewheeling diodes, battery charging, and reverse battery protection.

FEATURES
• Low forward voltage drop
• Guard ring for enhanced ruggedness and long term reliability
• Small foot print, surface mountable
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - 10BQ100M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ100 IRF-10BQ100 Datasheet
250Kb / 4P
SCHOTTKY RECTIFIER, 1Amp
logo
Microsemi Corporation
10BQ100 MICROSEMI-10BQ100 Datasheet
94Kb / 2P
1 Amp Schottky Rectifier
logo
International Rectifier
10BQ100 IRF-10BQ100 Datasheet
123Kb / 7P
SCHOTTKY RECTIFIER 1 Amp
logo
Vishay Siliconix
10BQ100 VISHAY-10BQ100 Datasheet
105Kb / 6P
Schottky Rectifier, 1 A
15-Apr-08
logo
Sangdest Microelectroni...
10BQ100 SMC-10BQ100 Datasheet
181Kb / 6P
SCHOTTKY RECTIFIER
More results


Similar Description - 10BQ100M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10BQ100PBF VISHAY-10BQ100PBF Datasheet
105Kb / 6P
Schottky Rectifier, 1 A
15-Apr-08
MBR1100 VISHAY-MBR1100 Datasheet
82Kb / 5P
Schottky Rectifier, 1 A
06-Nov-08
MBR150 VISHAY-MBR150 Datasheet
84Kb / 5P
Schottky Rectifier, 1 A
06-Nov-08
10BQ100PBF VISHAY-10BQ100PBF_10 Datasheet
114Kb / 7P
Schottky Rectifier, 1 A
03-Mar-10
10MQ040-M3 VISHAY-10MQ040-M3 Datasheet
115Kb / 6P
Schottky Rectifier, 1 A
22-Aug-11
10MQ060-M3 VISHAY-10MQ060-M3 Datasheet
116Kb / 6P
Schottky Rectifier, 1 A
22-Aug-11
MBR150 VISHAY-MBR150_12 Datasheet
120Kb / 6P
Schottky Rectifier, 1 A
20-Sep-11
MBR1100 VISHAY-MBR1100_12 Datasheet
118Kb / 6P
Schottky Rectifier, 1 A
21-Sep-11
VS-10BQ100PBF VISHAY-VS-10BQ100PBF Datasheet
113Kb / 7P
Schottky Rectifier, 1 A
03-Mar-10
VS-MBR1100 VISHAY-VS-MBR1100 Datasheet
116Kb / 6P
Schottky Rectifier, 1 A
21-Sep-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com