Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM3190 Datasheet (PDF) - Analog Devices

ADUM3190 Datasheet PDF - Analog Devices
Part # ADUM3190
Download  ADUM3190 Download
File Size   476.61 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Stability Isolated Error Amplifier

ADUM3190 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM3190 Datasheet PDF - Analog Devices

Part # ADUM3190
Download  ADUM3190 Click to download

File Size   476.61 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Stability Isolated Error Amplifier

ADUM3190 Datasheet (HTML) - Analog Devices


ADUM3190 Product details

GENERAL DESCRIPTION

The ADuM31901 is an isolated error amplifier based on Analog Devices, Inc., iCoupler® technology. The ADuM3190 is ideal for linear feedback power supplies. The primary side controllers of the ADuM3190 enable improvements in transient response, power density, and stability as compared to commonly used optocoupler and shunt regulator solutions.



FEATURES

Stable over time and temperature

  0.5% initial accuracy

  1% accuracy over the full temperature range

Compatible with Type II or Type III compensation networks

Reference voltage: 1.225V

Compatible with DOSA

Low power operation: <7 mA total

Wide voltage supply range

  VDD1: 3 V to 20V

  VDD2: 3 V to 20V

Bandwidth: 400 kHz

Isolation voltage: 2.5 kVrms

Safety and regulatory approvals (pending)

  UL recognition: 2500 V rms for 1 minute per UL 1577

  CSA Component Acceptance Notice #5A

  VDE certificate of conformity

    DIN V VDE V 0884-10 (VDE V 0884-10):2006-12

    VIORM = 560 V peak

Wide temperature range

  −40°C to +125°C ambient operation

150°C maximum junction temperature



APPLICATIONS

Linear power supplies

Inverters

Uninterruptible PowerSupply (UPS)

DOSA-compatible modules

Voltage monitors




Similar Part No. - ADUM3190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM3190ARQZ AD-ADuM3190ARQZ Datasheet
509Kb / 17P
High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ AD-ADuM3190ARQZ Datasheet
628Kb / 19P
High Stability Isolated Error Amplifier
Rev. A
ADuM3190ARQZ-RL7 AD-ADuM3190ARQZ-RL7 Datasheet
509Kb / 17P
High Stability Isolated Error Amplifier
REV. 0
ADuM3190ARQZ-RL7 AD-ADuM3190ARQZ-RL7 Datasheet
628Kb / 19P
High Stability Isolated Error Amplifier
Rev. A
ADuM3190BRQZ AD-ADuM3190BRQZ Datasheet
509Kb / 17P
High Stability Isolated Error Amplifier
REV. 0
More results


Similar Description - ADUM3190

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
OPTICALLY ISOLATED ERROR AMPLIFIER
logo
Analog Devices
ADUM4190 AD-ADUM4190 Datasheet
478Kb / 9P
High-stability Isolated Error Amplifier
Rev. PrA
ADUM3190 AD-ADUM3190_13 Datasheet
509Kb / 17P
High Stability Isolated Error Amplifier
REV. 0
logo
Fairchild Semiconductor
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
Optically Isolated Error Amplifier
logo
Analog Devices
UG-534 AD-UG-534 Datasheet
618Kb / 8P
Isolated error amplifier
Rev. 0
ADUM3190 AD-ADUM3190_16 Datasheet
628Kb / 19P
High Stability Isolated Error Amplifier
Rev. A
ADUM4190 AD-ADUM4190_16 Datasheet
526Kb / 21P
High Stability Isolated Error Amplifier
Rev. 0
ADUM3190S AD-ADUM3190S_18 Datasheet
1Mb / 14P
High Stability Isolated Error Amplifier
ADUM3190S AD-ADUM3190S Datasheet
365Kb / 15P
High Stability Isolated Error Amplifier
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com