Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X32K768S021 Datasheet (PDF) - AEL Crystals Ltd

X32K768S021 Datasheet PDF - AEL Crystals Ltd
Part # X32K768S021
Download  X32K768S021 Download
File Size   41.21 Kbytes
Page   1 Pages
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd
Description 4.1 x 1.5mm SMD Watch Crystal

X32K768S021 Datasheet (PDF)

Go To PDF Page Download Datasheet
X32K768S021 Datasheet PDF - AEL Crystals Ltd

Part # X32K768S021
Download  X32K768S021 Click to download

File Size   41.21 Kbytes
Page   1 Pages
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd
Description 4.1 x 1.5mm SMD Watch Crystal

X32K768S021 Datasheet (HTML) - AEL Crystals Ltd




Similar Part No. - X32K768S021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X32K768L009 ETC2-X32K768L009 Datasheet
139Kb / 1P
Cylindrical Watch Crystals
More results


Similar Description - X32K768S021

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT38P VISHAY-XT38P Datasheet
111Kb / 1P
Miniature SMD Watch Crystal
17-Jun-05
logo
List of Unclassifed Man...
AWS145 ETC2-AWS145 Datasheet
30Kb / 1P
32.768kHz SMD Watch Crystal
AWS100S ETC2-AWS100S Datasheet
42Kb / 1P
32.768kHz SMD Watch Crystal
AWS2 ETC2-AWS2 Datasheet
56Kb / 1P
32.768kHz SMD Watch Crystal
logo
Caliber Electronics Inc...
AWS100S CALIBER-AWS100S Datasheet
47Kb / 1P
32.768kHz SMD Watch Crystal
logo
PETERMANN-TECHNIK
M8208 PETERMANN-M8208 Datasheet
73Kb / 1P
CHEAPEST SMD-WATCH CRYSTAL
logo
Advanced Crystal Techno...
3215A ACT-3215A Datasheet
172Kb / 2P
3.2 x 1.5mm Watch crystal
01/02/2017
logo
Fox Electronics
K145 FOX-K145 Datasheet
309Kb / 3P
4.1 x 1.5mm SMD Tuning Fork
logo
Transko Electronics, In...
CS84 TRANSKO-CS84 Datasheet
220Kb / 1P
CERAMIC SMD CRYSTAL (8.0 x 4.5 x 1.5mm)
Rev. 4: 10-10-19
UM_SD TRANSKO-UM_SD Datasheet
154Kb / 1P
MINIATURE UM SMD CRYSTAL (7.0 x 4.1 x 2.3mm)
Ver 3: 10-10-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com