Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDPQ2010 Datasheet (PDF) - Sumida Corporation

CDPQ2010 Datasheet PDF - Sumida Corporation
Part # CDPQ2010
Download  CDPQ2010 Download
File Size   291.78 Kbytes
Page   4 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Ferrite core construction, Magnetically shielded

CDPQ2010 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDPQ2010 Datasheet PDF - Sumida Corporation

Part # CDPQ2010
Download  CDPQ2010 Click to download

File Size   291.78 Kbytes
Page   4 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Ferrite core construction, Magnetically shielded

CDPQ2010 Datasheet (HTML) - Sumida Corporation


CDPQ2010 Product details

Description
• Ferrite core construction.
• Magnetically shielded.
• L×W×H: 24.4×21.0×11.0 mm Max.
• Product weight:15.8 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.

Applications
• Power supply of portable base station, +48Vdc input environment power supply used for industrial instrument.




Similar Part No. - CDPQ2010

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
269Kb / 4P
SMD Power Inductor
CDPQ2010NP-100M-160 SUMIDA-CDPQ2010NP-100M-160 Datasheet
244Kb / 4P
SMD Power Inductor
CDPQ2010NP-100M-160 SUMIDA-CDPQ2010NP-100M-160 Datasheet
269Kb / 4P
SMD Power Inductor
CDPQ2010NP-100M-300 SUMIDA-CDPQ2010NP-100M-300 Datasheet
244Kb / 4P
SMD Power Inductor
CDPQ2010NP-100M-300 SUMIDA-CDPQ2010NP-100M-300 Datasheet
269Kb / 4P
SMD Power Inductor
More results


Similar Description - CDPQ2010

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
Magnetically shielded construction
CDEIR6D31F SUMIDA-CDEIR6D31F_11 Datasheet
134Kb / 4P
Ferrite core construction.
CDEP85 SUMIDA-CDEP85_11 Datasheet
185Kb / 6P
Ferrite core construction.
CDEP104 SUMIDA-CDEP104_11 Datasheet
182Kb / 5P
Ferrite core construction.
CDPH28D11F SUMIDA-CDPH28D11F_12 Datasheet
179Kb / 4P
Ferrite core construction.
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
Magnetically shielded construction.
CDRH50D20 SUMIDA-CDRH50D20 Datasheet
245Kb / 4P
Ferrite drum core construction, Magnetically shielded
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
Magnetically shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
Magnetically Shielded Construction
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com