Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC431A Datasheet (PDF) - ON Semiconductor

SC431A Datasheet PDF - ON Semiconductor
Part # SC431A
Download  SC431A Download
File Size   417.01 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Precision References

SC431A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC431A Datasheet PDF - ON Semiconductor

Part # SC431A
Download  SC431A Click to download

File Size   417.01 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Precision References

SC431A Datasheet (HTML) - ON Semiconductor


SC431A Product details

The NCP431/NCP432 integrated circuits are three−terminal programmable shunt regulator diodes. These monolithic IC voltage references operate as a low temperature coefficient zener which is programmable from Vref to 36 V using two external resistors.

Features
• Programmable Output Voltage to 36 V
• Low Minimum Operating Current: 40 A, Typ @ 25°C
• Voltage Reference Tolerance: ±0.5%, Typ @ 25°C (NCP431B/NCP432B)
• Low Dynamic Output Impedance, 0.22  Typical
• Sink Current Capability of 40 A to 100 mA
• Equivalent Full−Range Temperature Coefficient of 50 ppm/°C Typical
• Temperature Compensated for Operation over Full Rated Operating Temperature Range
• SC Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable
• These are Pb−Free Devices

Typical Applications
• Voltage Adapters
• Switching Power Supply
• Precision Voltage Reference
• Charger
• Instrumentation




Similar Part No. - SC431A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SC431A ONSEMI-SC431A Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
SC431AVSNT1G ONSEMI-SC431AVSNT1G Datasheet
408Kb / 17P
Programmable Precision References
April, 2013 ??Rev. 5
SC431AVSNT1G ONSEMI-SC431AVSNT1G Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
More results


Similar Description - SC431A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
Programmable Precision References
April, 2022 - Rev. 43
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com