Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLIT15BF1M6 Datasheet (PDF) - STMicroelectronics

ST7FLIT15BF1M6 Datasheet PDF - STMicroelectronics
Part # ST7FLIT15BF1M6
Download  ST7FLIT15BF1M6 Download
File Size   2443.33 Kbytes
Page   159 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI

ST7FLIT15BF1M6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7FLIT15BF1M6 Datasheet PDF - STMicroelectronics

Part # ST7FLIT15BF1M6
Download  ST7FLIT15BF1M6 Click to download

File Size   2443.33 Kbytes
Page   159 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI

ST7FLIT15BF1M6 Datasheet (HTML) - STMicroelectronics


ST7FLIT15BF1M6 Product details

INTRODUCTION
The ST7LITE1xB is a member of the ST7 microcontroller family. All ST7 devices are based on a common industry-standard 8-bit core, featuring an enhanced instruction set.
The ST7LITE1xB features FLASH memory with byte-by-byte In-Circuit Programming (ICP) and In Application Programming (IAP) capability.
Under software control, the ST7LITE1xB device can be placed in WAIT, SLOW, or HALT mode, reducing power consumption when the application is in idle or standby state.
The enhanced instruction set and addressing modes of the ST7 offer both power and flexibility to software developers, enabling the design of highly efficient and compact application code. In addition to standard 8-bit data management, all ST7 microcontrollers feature true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes.

■ Memories
   – up to 4 Kbytes single voltage extended Flash
      (XFlash) Program memory with read-out protection,
      In-Circuit Programming and In-Appli
      cation programming (ICP and IAP). 10K write/
      erase cycles guaranteed, data retention: 20 years at 55°C.
   – 256 bytes RAM
   – 128 bytes data EEPROM with read-out protection.
      300K write/erase cycles guaranteed,
      data retention: 20 years at 55°C.
■ Clock, Reset and Supply Management
   – Enhanced reset system
   – Enhanced low voltage supervisor (LVD) for
      main supply and an auxiliary voltage detector
      (AVD) with interrupt capability for implement
      ing safe power-down procedures
   – Clock sources: Internal 1% RC oscillator
      (on ST7FLITE15B and ST7FLITE19B), crystal/ceramic resonator or external clock
   – Internal 32-MHz input clock for Auto-reload timer
   – Optional x4 or x8 PLL for 4 or 8 MHz internal clock
   – Five Power Saving Modes: Halt, Active-Halt, Auto Wake-up from Halt, Wait and Slow
■ I/O Ports
   – Up to 17 multifunctional bidirectional I/O lines
   – 7 high sink outputs
■ 5 Timers
   – Configurable watchdog timer
   – Two 8-bit Lite Timers with prescaler, 1 realtime base and 1 input capture
   – Two 12-bit Auto-reload Timers with 4 PWM
      outputs, 1 input capture, 4 output compare
      and one pulse functions
■ Communication Interface
   – SPI synchronous serial interface
■ Interrupt Management
   – 12 interrupt vectors plus TRAP and RESET
   – 15 external interrupt lines (on 4 vectors)
■ Analog Comparator
■ A/D Converter
   – 7 input channels
   – Fixed gain Op-amp
   – 13-bit precision for 0 to 430 mV (@ 5V VDD)
   – 10-bit precision for 430 mV to 5V (@ 5V VDD)
■ Instruction Set
   – 8-bit data manipulation
   – 63 basic instructions with illegal opcode detection
   – 17 main addressing modes
   – 8 x 8 unsigned multiply instructions
■ Development Tools
   – Full hardware/software development package
   – DM (Debug Module)




Similar Part No. - ST7FLIT15BF1M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7FLIT15BF1MX STMICROELECTRONICS-ST7FLIT15BF1MX Datasheet
2Mb / 157P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
May-2007
More results


Similar Description - ST7FLIT15BF1M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.0
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
19-Nov-2004
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
Jul-2005
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
15-Jan-2007
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Dec-2006
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
May-2007
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.