Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOCZ500 Datasheet (PDF) - Motorola, Inc

MOCZ500 Datasheet PDF - Motorola, Inc
Part # MOCZ500
Download  MOCZ500 Download
File Size   222.85 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description OPTOISOLATOR ZERO CROSS TRIAC OUTPUT

MOCZ500 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOCZ500 Datasheet PDF - Motorola, Inc

Part # MOCZ500
Download  MOCZ500 Click to download

File Size   222.85 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description OPTOISOLATOR ZERO CROSS TRIAC OUTPUT

MOCZ500 Datasheet (HTML) - Motorola, Inc


MOCZ500 Product details

This device consists of a gallium arsenide infrared emitting diode optically coupled to a zero–cross triac circuit and a power triac. It is capable of driving loads up to 500 mA rms on AC voltages from 20 to 280 V rms.

• Provides Normally Open AC Output with 500 mA Rating @ 40C
• Small Outline, Standard 6–PIN DIP Package
• Simplified Logic Control of 240 Vac Power
• High Input–Output Isolation of 7500 Vac (rms)
• 7 Amp Single Cycle Surge Capability
• Wide Load Power Factor Range 0.1–1
• Low Input/Output Capacitance

Applications:
• Logic to AC Line Interface
• Appliance Solenoids
• Microprocessor to AC Line Peripheral
• Appliance Actuators
• Industrial Controls
• Appliance Fan Motors
• EM Relays and Contactors
• Appliance Lights
• Small AC Motor Drives
• Incandescent Lamp Drive




Similar Part No. - MOCZ500

ManufacturerPart #DatasheetDescription
logo
MMD Components
MOCZ112005A MMD-MOCZ112005A Datasheet
130Kb / 1P
Oven Controlled Oscillator
MOCZ112005B MMD-MOCZ112005B Datasheet
130Kb / 1P
Oven Controlled Oscillator
MOCZ112005C MMD-MOCZ112005C Datasheet
130Kb / 1P
Oven Controlled Oscillator
MOCZ112005D MMD-MOCZ112005D Datasheet
130Kb / 1P
Oven Controlled Oscillator
MOCZ112005E MMD-MOCZ112005E Datasheet
130Kb / 1P
Oven Controlled Oscillator
More results


Similar Description - MOCZ500

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC2A6010 MOTOROLA-MOC2A6010 Datasheet
203Kb / 8P
OPTOISOLATOR 2 AMP ZERO CROSS TRIAC OUTPUT 600 VOLTS
logo
NTE Electronics
NTE3047 NTE-NTE3047 Datasheet
21Kb / 2P
Optoisolator TRIAC Driver Output
NTE3048 NTE-NTE3048 Datasheet
20Kb / 2P
Optoisolator TRIAC Driver Output
NTE3049 NTE-NTE3049 Datasheet
21Kb / 2P
Optoisolator Zero Crossing TRIAC Driver
NTE3097 NTE-NTE3097 Datasheet
22Kb / 2P
Optoisolator Zero Crossing TRIAC Driver
logo
Motorola, Inc
MOC2A60-10 MOTOROLA-MOC2A60-10 Datasheet
123Kb / 8P
2 Amp Zero Cross Triac Output
logo
Sharp Corporation
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
Non-Zero Cross type DIP 8pin Triac output SSR
PR21HD22NSZ SHARP-PR21HD22NSZ Datasheet
250Kb / 13P
IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com