Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFF-5.08 Datasheet (PDF) - Eldeco Srl

CFF-5.08 Datasheet PDF - Eldeco Srl
Part # CFF-5.08
Download  CFF-5.08 Download
File Size   315.48 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 250V - 320V 12A -20A

CFF-5.08 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFF-5.08 Datasheet PDF - Eldeco Srl

Part # CFF-5.08
Download  CFF-5.08 Click to download

File Size   315.48 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 250V - 320V 12A -20A

CFF-5.08 Datasheet (HTML) - Eldeco Srl




Similar Part No. - CFF-5.08

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
CFF-5.08-F ELDECO-CFF-5.08-F Datasheet
321Kb / 1P
Standard : UL - IEC 250V - 320V 12A - 20A
More results


Similar Description - CFF-5.08

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
CCM-5-CH ELDECO-CCM-5-CH Datasheet
299Kb / 1P
Standard : UL - IEC 250V - 320V 10A - 20A
CCM-5-CV ELDECO-CCM-5-CV Datasheet
293Kb / 1P
Standard : UL - IEC 250V - 320V 10A - 20A
CCM-5-H ELDECO-CCM-5-H Datasheet
296Kb / 1P
Standard : UL - IEC 250V - 320V 10A - 20A
CCM-5-HF ELDECO-CCM-5-HF Datasheet
294Kb / 1P
Standard : UL - IEC 250V - 320V 10A - 20A
CCM-5-V ELDECO-CCM-5-V Datasheet
288Kb / 1P
Standard : UL - IEC 250V - 320V 10A - 20A
CCM-5-VF ELDECO-CCM-5-VF Datasheet
290Kb / 1P
Standard : UL - IEC 250V - 320V 10A - 20A
CFF-5.08-F ELDECO-CFF-5.08-F Datasheet
321Kb / 1P
Standard : UL - IEC 250V - 320V 12A - 20A
CRF-5-L ELDECO-CRF-5-L Datasheet
309Kb / 1P
Standard : UL - IEC 250V - 320V 10A - 20A
CRI-5.08 ELDECO-CRI-5.08 Datasheet
419Kb / 1P
Standard : UL - IEC 250V - 320V 10A - 20A
CRI-5.08-F ELDECO-CRI-5.08-F Datasheet
419Kb / 1P
Standard : UL - IEC 250V - 320V 10A - 20A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com