Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5828 Datasheet (PDF) - Naina Semiconductor ltd.

1N5828 Datasheet PDF - Naina Semiconductor ltd.
Part # 1N5828
Download  1N5828 Download
File Size   120.02 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 15A

1N5828 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5828 Datasheet PDF - Naina Semiconductor ltd.

Part # 1N5828
Download  1N5828 Click to download

File Size   120.02 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 15A

1N5828 Datasheet (HTML) - Naina Semiconductor ltd.


1N5828 Product details

Features
• Fast Switching
• Low forward voltage drop
• High surge capability
• High efficiency, low power loss
• Normal and Reverse polarity




Similar Part No. - 1N5828

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N5828 TEL-1N5828 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 15 A
logo
Microsemi Corporation
1N5828 MICROSEMI-1N5828 Datasheet
133Kb / 2P
15 Amp schottky Rectifier
logo
New Jersey Semi-Conduct...
1N5828 NJSEMI-1N5828 Datasheet
354Kb / 1P
full threads wihin 2 1/2 threads
1N5828 NJSEMI-1N5828 Datasheet
354Kb / 1P
10-32 UNF3A threads
1N5828 NJSEMI-1N5828 Datasheet
354Kb / 1P
10-32 UNF3A threads
More results


Similar Description - 1N5828

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15SC4M SHINDENGEN-S15SC4M Datasheet
514Kb / 10P
Schottky Barrier Diode(40V 15A)
S15SCA4M SHINDENGEN-S15SCA4M Datasheet
534Kb / 10P
Schottky Barrier Diode(40V 15A)
logo
Renesas Technology Corp
RJS6005TDPP-EJ RENESAS-RJS6005TDPP-EJ_15 Datasheet
68Kb / 4P
600V - 15A - Diode SiC Schottky Barrier Diode
logo
Zibo Seno Electronic En...
15SQ030 ZSELEC-15SQ030 Datasheet
171Kb / 2P
15A SCHOTTKY BARRIER DIODE
logo
Rectron Semiconductor
SC2S17015A RECTRON-SC2S17015A Datasheet
311Kb / 5P
1700V/ 15ASiliconCarbidePowerSchottkyBarrierDiode
SC3S12015A RECTRON-SC3S12015A Datasheet
1Mb / 6P
1200V/15A Silicon Carbide Power Schottky Barrier Diode
SC3S17015A RECTRON-SC3S17015A Datasheet
521Kb / 5P
1700V/ 15A Silicon Carbide Power Schottky Barrier Diode
logo
UnitedSiC.
UJ2D1215T UNITEDSIC-UJ2D1215T Datasheet
516Kb / 4P
15A - 1200V SiC Schottky Diode
Rev. B, October 2016
logo
Renesas Technology Corp
RJS6005TDPP-EJ RENESAS-RJS6005TDPP-EJ Datasheet
170Kb / 4P
600V - 15A - Diode SiC Schottky Barrier Diode
Jan 23, 2014
logo
Silicon Supplies
SIS650S15AS SS-SIS650S15AS Datasheet
989Kb / 3P
650V 15A SiC Schottky Diode
Rev 1.0 30/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com