Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR6020 Datasheet (PDF) - Naina Semiconductor ltd.

MBR6020 Datasheet PDF - Naina Semiconductor ltd.
Part # MBR6020
Download  MBR6020 Download
File Size   123.87 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 60A

MBR6020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR6020 Datasheet PDF - Naina Semiconductor ltd.

Part # MBR6020
Download  MBR6020 Click to download

File Size   123.87 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 60A

MBR6020 Datasheet (HTML) - Naina Semiconductor ltd.


MBR6020 Product details

Features
• Fast Switching
• Low forward voltage drop
• High surge capability
• High efficiency, low power loss
• Normal and Reverse polarity




Similar Part No. - MBR6020

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR6020 TEL-MBR6020 Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 60 A
logo
GeneSiC Semiconductor, ...
MBR6020 GENESIC-MBR6020 Datasheet
729Kb / 3P
High Surge Capability
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
SCHOTTKY DIODES STUD TYPE 60A
logo
GeneSiC Semiconductor, ...
MBR6020 GENESIC-MBR6020 Datasheet
807Kb / 3P
Silicon Power Schottky Diode
logo
Rectron Semiconductor
MBR60200CE RECTRON-MBR60200CE Datasheet
368Kb / 5P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - MBR6020

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL6030PT DIODES-SBL6030PT Datasheet
63Kb / 2P
60A SCHOTTKY BARRIER RECTIFIER
DS30050 Rev. B-2
SBL6030PT DIODES-SBL6030PT_1 Datasheet
74Kb / 3P
60A SCHOTTKY BARRIER RECTIFIER
DS30050 Rev. 5 - 2
logo
Naina Semiconductor ltd...
MBR6045 NAINA-MBR6045 Datasheet
123Kb / 2P
Schottky Power Diode, 60A
SD51 NAINA-SD51_13 Datasheet
112Kb / 2P
Schottky Rectifier Diode, 60A
logo
Digitron Semiconductors
MBR6045WT DIGITRON-MBR6045WT Datasheet
158Kb / 2P
60A SCHOTTKY RECTIFIER
MBR6045PT DIGITRON-MBR6045PT Datasheet
146Kb / 2P
60A SCHOTTKY RECTIFIER
MBR6035 DIGITRON-MBR6035 Datasheet
851Kb / 4P
60A SCHOTTKY RECTIFIER
logo
GeneSiC Semiconductor, ...
GD2X30MPS06N GENESIC-GD2X30MPS06N Datasheet
557Kb / 7P
650V 60A SiC Schottky MPS??Diode
GD2X30MPS12N GENESIC-GD2X30MPS12N Datasheet
572Kb / 7P
1200V 60A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D06560KSD UNITEDSIC-UJ3D06560KSD Datasheet
466Kb / 6P
650V 60A SiC Merged PiN-Schottky Diode
Revision C, January 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com