Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRS-5 Datasheet (PDF) - Eldeco Srl

CRS-5 Datasheet PDF - Eldeco Srl
Part # CRS-5
Download  CRS-5 Download
File Size   342.2 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 300V - 320V 15A - 20A

CRS-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRS-5 Datasheet PDF - Eldeco Srl

Part # CRS-5
Download  CRS-5 Click to download

File Size   342.2 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 300V - 320V 15A - 20A

CRS-5 Datasheet (HTML) - Eldeco Srl




Similar Part No. - CRS-5

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
CRS-5-103JE HOKURIKU-CRS-5-103JE Datasheet
267Kb / 2P
Sulfurization-proof Chip Resistor
logo
Eldeco Srl
CRS-5.08-F ELDECO-CRS-5.08-F Datasheet
419Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CRS-5.08-G ELDECO-CRS-5.08-G Datasheet
420Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
logo
Premium PSU
CRS-500 PSU-CRS-500 Datasheet
745Kb / 8P
CRS-500
CRS-500-6455 PSU-CRS-500-6455 Datasheet
745Kb / 8P
CRS-500
More results


Similar Description - CRS-5

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
CCM-7.5-H ELDECO-CCM-7.5-H Datasheet
153Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CMA-5.08 ELDECO-CMA-5.08 Datasheet
310Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CMD-VF ELDECO-CMD-VF Datasheet
297Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CMI-5.08-C ELDECO-CMI-5.08-C Datasheet
282Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CRF-5 ELDECO-CRF-5 Datasheet
148Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CRF-7.5 ELDECO-CRF-7.5 Datasheet
169Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CRS-5.08-G ELDECO-CRS-5.08-G Datasheet
420Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CRF-5.08-F ELDECO-CRF-5.08-F Datasheet
179Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CMA-5.08-HF ELDECO-CMA-5.08-HF Datasheet
162Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CMA-5.08-F ELDECO-CMA-5.08-F Datasheet
176Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com