Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRI52-A4 Datasheet (PDF) - Eldeco Srl

SRI52-A4 Datasheet PDF - Eldeco Srl
Part # SRI52-A4
Download  SRI52-A4 Download
File Size   523.35 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 300V - 250V 10A - 20A

SRI52-A4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRI52-A4 Datasheet PDF - Eldeco Srl

Part # SRI52-A4
Download  SRI52-A4 Click to download

File Size   523.35 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 300V - 250V 10A - 20A

SRI52-A4 Datasheet (HTML) - Eldeco Srl




Similar Part No. - SRI52-A4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRI512 STMICROELECTRONICS-SRI512 Datasheet
72Kb / 6P
13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
18-Apr-2006
SRI512-SBN181GE STMICROELECTRONICS-SRI512-SBN181GE Datasheet
396Kb / 47P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Aug-2008
SRI512-W41GE STMICROELECTRONICS-SRI512-W41GE Datasheet
396Kb / 47P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Aug-2008
SRI512A3S STMICROELECTRONICS-SRI512A3S Datasheet
72Kb / 6P
13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
18-Apr-2006
SRI512A3T STMICROELECTRONICS-SRI512A3T Datasheet
72Kb / 6P
13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
18-Apr-2006
More results


Similar Description - SRI52-A4

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
MHH52-V ELDECO-MHH52-V Datasheet
532Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 18A
MRA52-5.08-H ELDECO-MRA52-5.08-H Datasheet
339Kb / 1P
Standard : UL - IEC 300V - 250V 25A - 20A
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRB51-V ELDECO-MRB51-V Datasheet
513Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 15A
MRD31-L ELDECO-MRD31-L Datasheet
376Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD52-L ELDECO-MRD52-L Datasheet
527Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 18A
MRH31 ELDECO-MRH31 Datasheet
520Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRI52-A3 ELDECO-MRI52-A3 Datasheet
326Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 24A
MRS52-D ELDECO-MRS52-D Datasheet
548Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 18A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com