Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM483EARZ Datasheet (PDF) - Analog Devices

ADM483EARZ Datasheet PDF - Analog Devices
Part # ADM483EARZ
Download  ADM483EARZ Download
File Size   364.38 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver

ADM483EARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM483EARZ Datasheet PDF - Analog Devices

Part # ADM483EARZ
Download  ADM483EARZ Click to download

File Size   364.38 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver

ADM483EARZ Datasheet (HTML) - Analog Devices


ADM483EARZ Product details

GENERAL DESCRIPTION
The ADM483E is a 5 V, low power data transceiver with ±15 kV ESD protection suitable for half-duplex communication on multipoint bus transmission lines. The ADM483E is designed for balanced data transmission and complies with TIA/EIA Standards RS-485 and RS-422, which allow up to 32 transceivers on a bus.
The ADM483E has a low current shutdown mode in which it consumes only 0.1 μA.
Because only one driver is enabled at any time, the output of a disabled or power-down driver is three-stated to avoid overloading the bus.
Drivers are short-circuit current-limited and are protected against excessive power dissipation by thermal shutdown circuitry that places their outputs into a high impedance state. The receiver input has a fail-safe feature that guarantees a logic high output if the input is open circuit.
The ADM483E is fully specified over the industrial temperature ranges and is available in 8-lead SOIC_N packages.

FEATURES
  ±15 kV ESD protection
  250 kbps data rate
  Reduced slew rate for low EM interference
  Single 5 V ± 10% supply
  −7 V to +12 V bus common-mode range
  Up to 32 nodes on the bus
  Receiver open-circuit, fail-safe design
  Short-circuit protection
  36 μA supply current
  0.1 μA shutdown current
 
APPLICATIONS
  Low power RS-485 systems
  Electrically harsh environments
  EMI sensitive applications
  DTE-DCE interface
  Packet switching
  Local area networks




Similar Part No. - ADM483EARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
378Kb / 16P
15,-15 kV ESD Protected, Slew Rate
REV. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
363Kb / 16P
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483EARZ1 AD-ADM483EARZ1 Datasheet
378Kb / 16P
15,-15 kV ESD Protected, Slew Rate
REV. A
ADM483EARZ1 AD-ADM483EARZ1 Datasheet
363Kb / 16P
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
More results


Similar Description - ADM483EARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483E AD-ADM483E Datasheet
324Kb / 12P
-15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV.0
ADM483 AD-ADM483 Datasheet
218Kb / 16P
5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
10/04-Revision 0
ADM383 AD-ADM383 Datasheet
309Kb / 16P
5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
10/04-Revision 0
ADM485E AD-ADM485E Datasheet
399Kb / 16P
5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM383 AD-ADM383_15 Datasheet
310Kb / 16P
5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Analog Devices
ADM483E AD-ADM483E_V01 Datasheet
363Kb / 16P
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com