Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5258 Datasheet (PDF) - Bourns Electronic Solutions

5258 Datasheet PDF - Bourns Electronic Solutions
Part # 5258
Download  5258 Download
File Size   2319.52 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 5200 Series - Hash Choke

5258 Datasheet (PDF)

Go To PDF Page Download Datasheet
5258 Datasheet PDF - Bourns Electronic Solutions

Part # 5258
Download  5258 Click to download

File Size   2319.52 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 5200 Series - Hash Choke

5258 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - 5258

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5258-RC BOURNS-5258-RC Datasheet
2Mb / 2P
5200 Series - Hash Choke
5258-RC BOURNS-5258-RC Datasheet
2Mb / 2P
Hash Choke
logo
TE Connectivity Ltd
52584 TEC-52584 Datasheet
335Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
52584 TEC-52584 Datasheet
139Kb / 4P
TERMI-FOIL* Hand Crimping
12 MAR 12 Rev J
logo
Molex Electronics Ltd.
52584-0279 MOLEX7-52584-0279 Datasheet
407Kb / 6P
1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 8.009.00, 10.00, and 18.00mm (.315, .354, .394 and .709") Stacking Heights, 20 CircuitsLead-free
More results


Similar Description - 5258

ManufacturerPart #DatasheetDescription
logo
Agere Systems
5200 AGERE-5200 Datasheet
55Kb / 4P
5200-Series 64 x 64 MEMS Optical Switch Module
Rev. 2 July 2001
logo
Mini-Circuits
HFCN-1910 MINI-HFCN-1910 Datasheet
118Kb / 1P
Ceramic High Pass Filter 2200 to 5200 MHz
logo
Rhombus Industries Inc.
L-13268 RHOMBUS-IND-L-13268 Datasheet
16Kb / 1P
AXIAL LEAD HASH CHOKE
8/15/96
logo
Tyco Electronics
2-1123309-3 MACOM-2-1123309-3 Datasheet
246Kb / 2P
DOUBLE ROW HEADER ASSY 4P(H TYPE)
logo
Bourns Electronic Solut...
R0843 BOURNS-R0843 Datasheet
2Mb / 2P
5200 Series - Hash Choke
5218-RC BOURNS-5218-RC_12 Datasheet
2Mb / 2P
Hash Choke
logo
Cree, Inc
CGHV59350 CREE-CGHV59350 Datasheet
3Mb / 12P
350 W, 5200 - 5900 MHz, 50-Ohm Input
Rev 0.0
logo
Kemet Corporation
SC-15-E50JH KEMET-SC-15-E50JH Datasheet
129Kb / 1P
KEMET, SC-JH, AC Line Filters, Common Mode, 5200 uH
logo
3M Electronics
5200 3M-5200 Datasheet
49Kb / 5P
Marine Adhesive/Sealant Fast Cure 5200
logo
Analog Devices
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com