Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4008G Datasheet (PDF) - Leshan Radio Company

1N4008G Datasheet PDF - Leshan Radio Company
Part # 1N4008G
Download  1N4008G Download
File Size   186.91 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A

1N4008G Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4008G Datasheet PDF - Leshan Radio Company

Part # 1N4008G
Download  1N4008G Click to download

File Size   186.91 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A

1N4008G Datasheet (HTML) - Leshan Radio Company


1N4008G Product details

Reverse Voltage 50 to 1200V Forward Current 1.0A

Feature & Dimensions
* Plastic package has Underwriters Laboratories
   Flammability Classification 94V-0
* Construction utilizes void-free molded plastic technique
* Low reverse leakage
* High forward surge capability
* Glass passivated chip
* High temperature soldering guaranteed:
   260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - 1N4008G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N4008 LRC-1N4008 Datasheet
181Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
logo
Rectron Semiconductor
1N4008 RECTRON-1N4008 Datasheet
182Kb / 8P
SILICON RECTIFIER
logo
Leshan Radio Company
1N4008S LRC-1N4008S Datasheet
184Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
logo
Rectron Semiconductor
1N4008V RECTRON-1N4008V Datasheet
242Kb / 8P
SILICON RECTIFIER
More results


Similar Description - 1N4008G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Leshan Radio Company
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1N4001 LRC-1N4001_12 Datasheet
181Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4008S LRC-1N4008S Datasheet
184Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N5400 LRC-1N5400_12 Datasheet
205Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 3.0A
RL151 LRC-RL151_11 Datasheet
304Kb / 11P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL201 LRC-RL201_11 Datasheet
162Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RL251 LRC-RL251_11 Datasheet
458Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RL251G LRC-RL251G Datasheet
176Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com