Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A05GG Datasheet (PDF) - Leshan Radio Company

6A05GG Datasheet PDF - Leshan Radio Company
Part # 6A05GG
Download  6A05GG Download
File Size   311.92 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated JunctionGeneral Purpose Plastic Rectifiers

6A05GG Datasheet (PDF)

Go To PDF Page Download Datasheet
6A05GG Datasheet PDF - Leshan Radio Company

Part # 6A05GG
Download  6A05GG Click to download

File Size   311.92 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated JunctionGeneral Purpose Plastic Rectifiers

6A05GG Datasheet (HTML) - Leshan Radio Company


6A05GG Product details

Reverse Voltage 50 to 1000V Forward Current 6.0A



FEATURES

* Plastic package has Underwriters Laboratories

   Flammability Classification 94V-0

* Construction utilizes void-free molded plastic technique

* Low reverse leakage

* High forward surge capability

* Cavity-free glass passivated junction

* High temperature soldering guaranteed: 260°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension



 




Similar Part No. - 6A05GG

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
6A05G JGD-6A05G Datasheet
137Kb / 2P
6.0 AMP. GLASS PASSIVATED RECTIFIERS
logo
Dc Components
6A05G DCCOM-6A05G Datasheet
469Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Taiwan Semiconductor Co...
6A05G TSC-6A05G Datasheet
65Kb / 2P
6.0 AMPS. Glass Passivated Rectifiers
6A05G TSC-6A05G Datasheet
236Kb / 2P
6.0 AMPS. Glass Passivated Rectifiers
More results


Similar Description - 6A05GG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP60A VISHAY-GPP60A Datasheet
52Kb / 2P
Glass Passivated Junction Plastic Rectifiers
16-Mar-04
BY251GP VISHAY-BY251GP Datasheet
34Kb / 2P
Glass Passivated Junction Plastic Rectifiers
17-Dec-02
logo
Pan Jit International I...
PG600A PANJIT-PG600A_07 Datasheet
62Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
PG600A PANJIT-PG600A_09 Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Shenzhen Taychipst Elec...
6A05G TAYCHIPST-6A05G Datasheet
1Mb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
RL201G TAYCHIPST-RL201G Datasheet
1Mb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
GPP60A TAYCHIPST-GPP60A Datasheet
4Mb / 2P
Glass Passivated Junction Plastic Rectifiers
logo
Vishay Siliconix
GP30M-E3-54 VISHAY-GP30M-E3-54 Datasheet
87Kb / 4P
Glass Passivated Junction Plastic Rectifiers
03-Apr-08
logo
Gaomi Xinghe Electronic...
1N4001G GXELECTRONICS-1N4001G Datasheet
419Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
logo
ON Semiconductor
S2A ONSEMI-S2A Datasheet
251Kb / 5P
General-Purpose Rectifiers (Glass Passivated)
April, 2020 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com