Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1117ASX Datasheet (PDF) - Leshan Radio Company

LR1117ASX Datasheet PDF - Leshan Radio Company
Part # LR1117ASX
Download  LR1117ASX Download
File Size   148.28 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1A Adjustable/Fixed Low Dropout Linear Regulator

LR1117ASX Datasheet (PDF)

Go To PDF Page Download Datasheet
LR1117ASX Datasheet PDF - Leshan Radio Company

Part # LR1117ASX
Download  LR1117ASX Click to download

File Size   148.28 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1A Adjustable/Fixed Low Dropout Linear Regulator

LR1117ASX Datasheet (HTML) - Leshan Radio Company


LR1117ASX Product details

Description
The LR1117A and LR1117A-1.8, -2.5, -2.85, -3.3 and -5 are low dropout three-terminal regulators with 1A output current capability. These devices have been optimized for low voltage where transient response and minimum input voltage are critical. The 2.85V version is designed specifically to be used in Active Terminators for SCSI bus.

Features
• Low dropout voltage
• Load regulation: 0.05% typical
• Trimmed current limit
• On-chip thermal limiting
• Standard SOT-223, TO-220, and TO-252 packages
• Three-terminal adjustable or fixed 1.8V, 2.5V, 2.85V, 3.3V, 5V

Applications
• Active SCSI terminators
• High efficiency linear regulators
• Post regulators for switching supplies
• Battery chargers
• 12V to 5V linear regulators
• Motherboard clock supplies




Similar Part No. - LR1117ASX

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
Fixed Low Dropout Linear Regulator
More results


Similar Description - LR1117ASX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G1117 GMT-G1117 Datasheet
293Kb / 9P
1A Adjustable Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
1A Adjustable Low-Dropout Linear Regulator
G9117 GMT-G9117 Datasheet
59Kb / 1P
1A Adjustable Low-Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com