Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7568BPZ Datasheet (PDF) - Analog Devices

AD7568BPZ Datasheet PDF - Analog Devices
Part # AD7568BPZ
Download  AD7568BPZ Download
File Size   354.91 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Octal 12-Bit DAC

AD7568BPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7568BPZ Datasheet PDF - Analog Devices

Part # AD7568BPZ
Download  AD7568BPZ Click to download

File Size   354.91 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Octal 12-Bit DAC

AD7568BPZ Datasheet (HTML) - Analog Devices


AD7568BPZ Product details

GENERAL DESCRIPTION
The AD7568 contains eight 12-bit DACs in one monolithic device. The DACs are standard current output with separate VREF, IOUT1, IOUT2 and RFB terminals.
The AD7568 is a serial input device. Data is loaded using FSIN, CLKIN and SDIN. One address pin, A0, sets up a device address, and this feature may be used to simplify device loading in a multi-DAC environment.
All DACs can be simultaneously updated using the asynchronous LDAC input and they can be cleared by asserting the asynchronous CLR input.
The AD7568 is housed in a space-saving 44-pin plastic quad flatpack and 44-lead PLCC.

FEATURES
   Eight 12-Bit DACs in One Package
   4-Quadrant Multiplication
   Separate References
   Single +5 V Supply
   Low Power: 1 mW
   Versatile Serial Interface
   Simultaneous Update Capability
   Reset Function
   44-Pin PQFP and PLCC

APPLICATIONS
   Process Control
   Automatic Test Equipment
   General Purpose Instrumentation




Similar Part No. - AD7568BPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
LC2MOS Octal 12-Bit DAC
REV. C
AD7568BPZ-REEL AD-AD7568BPZ-REEL Datasheet
354Kb / 14P
LC2MOS Octal 12-Bit DAC
REV. C
More results


Similar Description - AD7568BPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7568 AD-AD7568 Datasheet
241Kb / 12P
LC2MOS Octal 12-Bit DAC
REV.B
AD7845 AD-AD7845 Datasheet
195Kb / 12P
LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
LC2MOS Octal 12-Bit DAC
REV. C
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228 AD-AD7228 Datasheet
457Kb / 16P
LC2MOS Octal 8-Bit DAC
12-Oct-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com