Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9760ARUZ Datasheet (PDF) - Analog Devices

AD9760ARUZ Datasheet PDF - Analog Devices
Part # AD9760ARUZ
Download  AD9760ARUZ Download
File Size   413.85 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 125 MSPS TxDAC짰 D/A Converter

AD9760ARUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9760ARUZ Datasheet PDF - Analog Devices

Part # AD9760ARUZ
Download  AD9760ARUZ Click to download

File Size   413.85 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 125 MSPS TxDAC짰 D/A Converter

AD9760ARUZ Datasheet (HTML) - Analog Devices


AD9760ARUZ Product details

PRODUCT DESCRIPTION
The AD9760 and AD9760-50 are the 10-bit resolution members of the TxDAC series of high performance, low power CMOS digital-to-analog converters (DACs).
   
FEATURES
    Member of Pin-Compatible TxDAC Product Family
    125 MSPS Update Rate
    10-Bit Resolution
    Excellent Spurious Free Dynamic Range Performance
    SFDR to Nyquist @ 40 MHz Output: 52 dBc
    Differential Current Outputs: 2 mA to 20 mA
    Power Dissipation: 175 mW @ 5 V to 45 mW @ 3 V
    Power-Down Mode: 25 mW @ 5 V
    On-Chip 1.20 V Reference
    Single +5 V or +3 V Supply Operation
    Packages: 28-Lead SOIC and TSSOP
    Edge-Triggered Latches
   
APPLICATIONS
    Communication Transmit Channel:
        Basestations
        Set Top Boxes
        Digital Radio Link
    Direct Digital Synthesis (DDS)
    Instrumentation
   




Similar Part No. - AD9760ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9760ARU AD-AD9760ARU Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9760ARU50 AD-AD9760ARU50 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
More results


Similar Description - AD9760ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9760 AD-AD9760 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9763 AD-AD9763 Datasheet
460Kb / 28P
10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
logo
Intersil Corporation
HI3197 INTERSIL-HI3197 Datasheet
284Kb / 25P
10-Bit, 125 MSPS D/A Converter
October 1998
HI5721 INTERSIL-HI5721 Datasheet
205Kb / 14P
10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
logo
Analog Devices
AD9744 AD-AD9744 Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
4/05-Rev. A to Rev. B
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
AD9760ARRL AD-AD9760ARRL Datasheet
413Kb / 23P
10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9760ARZ AD-AD9760ARZ Datasheet
413Kb / 23P
10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9744 AD-AD9744_V01 Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
logo
Renesas Technology Corp
HI3197 RENESAS-HI3197 Datasheet
231Kb / 25P
10-Bit, 125 MSPS D/A Converter
October 1998
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com