Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG407BPZ Datasheet (PDF) - Analog Devices

ADG407BPZ Datasheet PDF - Analog Devices
Part # ADG407BPZ
Download  ADG407BPZ Download
File Size   391.03 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 8-/16-Channel High Performance Analog Multiplexers

ADG407BPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG407BPZ Datasheet PDF - Analog Devices

Part # ADG407BPZ
Download  ADG407BPZ Click to download

File Size   391.03 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 8-/16-Channel High Performance Analog Multiplexers

ADG407BPZ Datasheet (HTML) - Analog Devices


ADG407BPZ Product details

GENERAL DESCRIPTION
The ADG406, ADG407, and ADG426 are monolithic CMOS analog multiplexers. The ADG406 and ADG426 switch one of sixteen inputs to a common output as determined by the 4-bit binary address lines: A0, A1, A2, and A3. The ADG426 has on-chip address and control latches that facilitate microprocessor interfacing. The ADG407 switches one of eight differential inputs to a common differential output as determined by the 3-bit binary address lines A0, A1 and A2. An EN input on all devices is used to enable or disable the device. When disabled, all channels are switched off.

FEATURES
   44 V supply maximum ratings
   VSS to VDD analog signal range
   Low on resistance (80 Ω maximum)
   Low power
   Fast switching
      tON < 160 ns
      tOFF < 150 ns
   Break-before-make switching action

APPLICATIONS
   Audio and video routing
   Automatic test equipment
   Data acquisition systems
   Battery powered systems
   Sample hold systems
   Communication systems
   Avionics




Similar Part No. - ADG407BPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407BPZ-RL AD-ADG407BPZ-RL Datasheet
391Kb / 20P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
More results


Similar Description - ADG407BPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG406 AD-ADG406 Datasheet
378Kb / 12P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV.0
ADG408 AD-ADG408 Datasheet
223Kb / 11P
LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV.A
ADG428 AD-ADG428 Datasheet
157Kb / 12P
LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV.C
ADG408 AD-ADG408_06 Datasheet
440Kb / 16P
LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG406 AD-ADG406_15 Datasheet
391Kb / 20P
LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407 AD-ADG407_15 Datasheet
391Kb / 20P
LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG426 AD-ADG426_15 Datasheet
391Kb / 20P
LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com