Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCP25N60N Datasheet (PDF) - Diodes Incorporated

FCP25N60N Datasheet PDF - Diodes Incorporated
Part # FCP25N60N
Download  FCP25N60N Download
File Size   460.72 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-Channel SupreMOS짰 MOSFET 600 V, 25 A, 125 m廓

FCP25N60N Datasheet (PDF)

Go To PDF Page Download Datasheet
FCP25N60N Datasheet PDF - Diodes Incorporated

Part # FCP25N60N
Download  FCP25N60N Click to download

File Size   460.72 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-Channel SupreMOS짰 MOSFET 600 V, 25 A, 125 m廓

FCP25N60N Datasheet (HTML) - Diodes Incorporated




Similar Part No. - FCP25N60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCP25N60N ISC-FCP25N60N Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FCP25N60N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6796 FAIRCHILD-FDD6796 Datasheet
287Kb / 6P
N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMC8588 FAIRCHILD-FDMC8588 Datasheet
366Kb / 7P
N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMC8588DC FAIRCHILD-FDMC8588DC Datasheet
401Kb / 8P
N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FCB36N60N FAIRCHILD-FCB36N60N Datasheet
239Kb / 8P
N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
FCPF7N60NT FAIRCHILD-FCPF7N60NT Datasheet
388Kb / 10P
N-Channel SupreMOS짰 MOSFET 600 V, 6.8 A, 520 m廓
FCI25N60N FAIRCHILD-FCI25N60N Datasheet
364Kb / 8P
N-Channel SupreMOS짰 MOSFET 600 V, 25 A, 125 m廓
FDD18N20LZ FAIRCHILD-FDD18N20LZ Datasheet
1Mb / 8P
N-Channel UniFETTM MOSFET 200 V, 16 A, 125 m廓
FCB36N60NTM FAIRCHILD-FCB36N60NTM Datasheet
239Kb / 8P
N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
logo
ON Semiconductor
FCH25N60N ONSEMI-FCH25N60N Datasheet
406Kb / 9P
MOSFET – N-Channel, SUPREMOS 600 V, 25 A, 126 m
August, 2020 - Rev. 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com