Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74AS640 Datasheet (PDF) - Fairchild Semiconductor

DM74AS640 Datasheet PDF - Fairchild Semiconductor
Part # DM74AS640
Download  DM74AS640 Download
File Size   52.33 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-STATE Octal Bus Transceiver

DM74AS640 Datasheet (PDF)

Go To PDF Page Download Datasheet
DM74AS640 Datasheet PDF - Fairchild Semiconductor

Part # DM74AS640
Download  DM74AS640 Click to download

File Size   52.33 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-STATE Octal Bus Transceiver

DM74AS640 Datasheet (HTML) - Fairchild Semiconductor


DM74AS640 Product details

General Description
This advanced Schottky device contains 8 pairs of 3-STATE logic elements configured as octal bus transceiver. This circuit is designed for use in memory, microprocessor systems and in asynchronous bidirectional data buses. This device transmits data from the A bus to the B bus, or vice versa, depending upon the logic level of the direction control input (DIR). The enable input (G) can be used to disable the devices, effecting isolation of buses A and B.
The 3-STATE circuitry also contains a protection feature that prevents these transceivers from glitching the bus during power-up or power-down.

Features
■ Switching specifications at 50 pF
■ Switching specifications guaranteed over full temperature and VCC range
■ Advanced oxide-isolated, ion-implanted Schottky TTL process
■ Functionally and pin for pin compatible with Schottky,
   low power Schottky, and advanced low power Schottky TTL counterpart
■ Improved AC performance over Schottky, low power
   Schottky, and advanced low power Schottky counter parts
■ 3-STATE outputs independently controlled on A and B buses
■ Low output impedance drive to drive terminated
   transmission lines to 133Ω
■ Specified to interface with CMOS at VOH = VCC − 2V




Similar Part No. - DM74AS640

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
Octal Bus Transceiver and Register
DM74AS646NT FAIRCHILD-DM74AS646NT Datasheet
84Kb / 8P
Octal Bus Transceiver and Register
DM74AS646WM FAIRCHILD-DM74AS646WM Datasheet
84Kb / 8P
Octal Bus Transceiver and Register
DM74AS648NT FAIRCHILD-DM74AS648NT Datasheet
84Kb / 8P
Octal Bus Transceiver and Register
DM74AS648WM FAIRCHILD-DM74AS648WM Datasheet
84Kb / 8P
Octal Bus Transceiver and Register
More results


Similar Description - DM74AS640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Aug-1999
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com