Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QAE150 Datasheet (PDF) - Power Mate Technology Co., LTD

QAE150 Datasheet PDF - Power Mate Technology Co., LTD
Part # QAE150
Download  QAE150 Download
File Size   751.26 Kbytes
Page   4 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 150Watts

QAE150 Datasheet (PDF)

Go To PDF Page Download Datasheet
QAE150 Datasheet PDF - Power Mate Technology Co., LTD

Part # QAE150
Download  QAE150 Click to download

File Size   751.26 Kbytes
Page   4 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 150Watts

QAE150 Datasheet (HTML) - Power Mate Technology Co., LTD




Similar Part No. - QAE150

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QAE150-110S05W P-DUKE-QAE150-110S05W Datasheet
1Mb / 4P
QUARTER-BRICK DC-DC CONVERTER
QAE150-110S12W P-DUKE-QAE150-110S12W Datasheet
1Mb / 4P
QUARTER-BRICK DC-DC CONVERTER
QAE150-110S15W P-DUKE-QAE150-110S15W Datasheet
1Mb / 4P
QUARTER-BRICK DC-DC CONVERTER
QAE150-110S24W P-DUKE-QAE150-110S24W Datasheet
1Mb / 4P
QUARTER-BRICK DC-DC CONVERTER
QAE150-110S30W P-DUKE-QAE150-110S30W Datasheet
1Mb / 4P
QUARTER-BRICK DC-DC CONVERTER
More results


Similar Description - QAE150

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Power Mate Technology C...
HAE75W P-DUKE-HAE75W Datasheet
666Kb / 4P
HALF-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 75Watts
HAE100 P-DUKE-HAE100 Datasheet
785Kb / 4P
HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 100 Watts
HAE200 P-DUKE-HAE200 Datasheet
768Kb / 4P
HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 255 Watts
HAE200W P-DUKE-HAE200W Datasheet
997Kb / 4P
HALF-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 240 Watts
QAE100 P-DUKE-QAE100 Datasheet
687Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 108Watts
QAE100W P-DUKE-QAE100W Datasheet
752Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 90Watts
QAE150W P-DUKE-QAE150W Datasheet
759Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 132Watts
logo
Murata Manufacturing Co...
PAQ MURATA-PAQ Datasheet
776Kb / 16P
Up to 150W 29.8V Nom Output Quarter-Brick Isolated DC-DC Converter with 2:1 Wide Input Range
logo
Mean Well Enterprises C...
RQB40W12 MEANWELL-RQB40W12 Datasheet
153Kb / 8P
40W Quarter Brick 14~160Vdc Ultra-wide Input Railway DC-DC Converter
2022-12-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com