Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEB100 Datasheet (PDF) - Power Mate Technology Co., LTD

QEB100 Datasheet PDF - Power Mate Technology Co., LTD
Part # QEB100
Download  QEB100 Download
File Size   397.94 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 100 WATTS DC-DC CONVERTER

QEB100 Datasheet (PDF)

Go To PDF Page Download Datasheet
QEB100 Datasheet PDF - Power Mate Technology Co., LTD

Part # QEB100
Download  QEB100 Click to download

File Size   397.94 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 100 WATTS DC-DC CONVERTER

QEB100 Datasheet (HTML) - Power Mate Technology Co., LTD


QEB100 Product details

QEB100-SERIES single output



DESCRIPTION

QEB100 single output DC/DC converters provide up to 100 watts of output power in an industry standard quarter-brick package and footprint. These units are specifically designed to meet the power needs of low-voltage silicon. All models feature a wide input range, trimmable output voltage and a 30A current rating.



FEATURES

• 100 WATTS MAXIMUM OUTPUT POWER

• SINGLE OUTPUT UP TO 30A

• COMPACT 2.28 X 1.45 X 0.50 INCH PACKAGE

• HIGH EFFICIENCY UP TO 90%

• 2:1 WIDE INPUT VOLTAGE RANGE

• FIXED SWITCHING FREQUENCY

• INDUSTRY STANDARD FOOTPRINT

• NO MINIMUM LOAD

• ADJUSTABLE OUTPUT VOLTAGE

• UNDER-VOLTAGE LOCKOUT

• INPUT TO OUTPUT ISOLATION (BASIC INSULATION)

• CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC

• UL60950-1, EN60950-1 AND IEC60950-1 LICENSED

• ISO9001 CERTIFIED MANUFACTURING FACILITIES

• COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC



APPLICATIONS

  Wireless Network

  Telecom/Datacom

  Industry Control System

  Distributed Power Architectures

  Semiconductor Equipment



 




Similar Part No. - QEB100

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QEB100-24S05 P-DUKE-QEB100-24S05 Datasheet
313Kb / 4P
100 WATTS MAXIMUM OUTPUT POWER
QEB100-24S12 P-DUKE-QEB100-24S12 Datasheet
313Kb / 4P
100 WATTS MAXIMUM OUTPUT POWER
QEB100-24S15 P-DUKE-QEB100-24S15 Datasheet
313Kb / 4P
100 WATTS MAXIMUM OUTPUT POWER
QEB100-24S3P3 P-DUKE-QEB100-24S3P3 Datasheet
313Kb / 4P
100 WATTS MAXIMUM OUTPUT POWER
QEB100-48S05 P-DUKE-QEB100-48S05 Datasheet
313Kb / 4P
100 WATTS MAXIMUM OUTPUT POWER
More results


Similar Description - QEB100

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
132 Watts / 48 Watts DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ24120QGA08 SYNQOR-PQ24120QGA08 Datasheet
662Kb / 13P
100 Watts, No Heatsink, Isolated DC/DC Converter
PQ24150QGA07 SYNQOR-PQ24150QGA07 Datasheet
673Kb / 13P
100 Watts, No Heatsink, Isolated DC/DC Converter
logo
Powerbox
MI-200 POWERBOX-MI-200 Datasheet
724Kb / 1P
50-100 WATTS MILITARY COTS DC/DC CONVERTER
logo
Power Mate Technology C...
HEC100 P-DUKE-HEC100 Datasheet
718Kb / 3P
100 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
10 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
HEC100 P-DUKE-HEC100_14 Datasheet
2Mb / 3P
100 WATTS DC-DC CONVERTER
QEB100 P-DUKE-QEB100_14 Datasheet
394Kb / 3P
100 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCBYB100 WALL-DCBYB100 Datasheet
548Kb / 7P
100 Watts Isolated DC/DC Converter Single Output
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
Quarter-Brick Up to 100 Watts DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com