Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAP202U Datasheet (PDF) - First Components International

DAP202U Datasheet PDF - First Components International
Part # DAP202U
Download  DAP202U Download
File Size   47.33 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 200mW DAP202U SWITCHING DIODE

DAP202U Datasheet (PDF)

Go To PDF Page Download Datasheet
DAP202U Datasheet PDF - First Components International

Part # DAP202U
Download  DAP202U Click to download

File Size   47.33 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 200mW DAP202U SWITCHING DIODE

DAP202U Datasheet (HTML) - First Components International


DAP202U Product details

FEATURES:

Power dissipation

  PD: 200 mW (Tamb=25℃)

Collector current

  IF: 100 mA

Collector-base voltage

  VR: 80 V

Operating and storage junction temperature range 

  TJ, Tstg: -55℃to +150℃




Similar Part No. - DAP202U

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
54Kb / 6P
Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
logo
Diodes Incorporated
DAP202U DIODES-DAP202U Datasheet
63Kb / 4P
Ultra high speed switching
logo
Rohm
DAP202U ROHM-DAP202U Datasheet
187Kb / 3P
Switching diode
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
59Kb / 5P
Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Rohm
DAP202U ROHM-DAP202U Datasheet
1,005Kb / 3P
Switching Diode
More results


Similar Description - DAP202U

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16WT MCC-BAS16WT Datasheet
111Kb / 1P
200mW Switching Diode
BAS19WT MCC-BAS19WT Datasheet
341Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT Datasheet
345Kb / 2P
200mW Switching Diode
BAW56WT MCC-BAW56WT Datasheet
378Kb / 2P
200mW Switching Diode
BAS16WT MCC-BAS16WT_11 Datasheet
156Kb / 2P
200mW Switching Diode
BAS19WT MCC-BAS19WT_11 Datasheet
157Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT_11 Datasheet
210Kb / 2P
200mW Switching Diode
BAS16WT MCC-BAS16WT_13 Datasheet
191Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT_13 Datasheet
231Kb / 2P
200mW Switching Diode
BAV70WT_1309 MCC-BAV70WT_1309 Datasheet
234Kb / 2P
200mW Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com