Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDN2987-6 Datasheet (PDF) - Allegro MicroSystems

UDN2987-6 Datasheet PDF - Allegro MicroSystems
Part # UDN2987-6
Download  UDN2987-6 Download
File Size   252.7 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DABIC-5 8-Channel Source Driver with Overcurrent Protection

UDN2987-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
UDN2987-6 Datasheet PDF - Allegro MicroSystems

Part # UDN2987-6
Download  UDN2987-6 Click to download

File Size   252.7 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DABIC-5 8-Channel Source Driver with Overcurrent Protection

UDN2987-6 Datasheet (HTML) - Allegro MicroSystems


UDN2987-6 Product details

Description
Providing overcurrent protection for each of its eight sourcing outputs, the UDN2987A-6 and UDN2987LW-6 drivers are used as an interface between standard low-level logic and relays, motors, solenoids, LEDs, and incandescent lamps. These devices include thermal shut down and output transient protection/clamp diodes for use with sustaining voltages to 35 V.

Features and Benefits
▪ 4.75 to 35 V driver supply voltage
▪ Output enable-disable (OE/R)
▪ 350 mA output source current
▪ Overcurrent protected
▪ Internal ground clamp diodes
▪ Output Breakdown Voltage 35 V minimum
▪ TTL, DTL, PMOS, or CMOS compatible inputs
▪ Internal Thermal Shutdown (TSD)




Similar Part No. - UDN2987-6

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2987-6 ALLEGRO-UDN2987-6 Datasheet
268Kb / 9P
DABIC-5 8-Channel Source Driver with Overcurrent Protection
More results


Similar Description - UDN2987-6

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
8-CHANNEL SOURCE DRIVER
2987 ALLEGRO-2987 Datasheet
84Kb / 8P
8-CHANNEL SOURCE DRIVER WITH OVER-CURRENT PROTECTION
6811 ALLEGRO-6811 Datasheet
156Kb / 8P
DABiC-IV, 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
May 15, 2000
6818 ALLEGRO-6818 Datasheet
142Kb / 7P
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
UDN2987X-6 ALLEGRO-UDN2987X-6 Datasheet
656Kb / 9P
DABIC-5 8-Channel Source Driver with Overcurrent Protection
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
8-Channel Source Driver
UDN2987LW-6 ALLEGRO-UDN2987LW-6 Datasheet
268Kb / 9P
DABIC-5 8-Channel Source Driver with Overcurrent Protection
logo
Infineon Technologies A...
IRS2890DS INFINEON-IRS2890DS Datasheet
718Kb / 26P
Half-Bridge Driver with Overcurrent Protection
Rev 1.0 2017-03-02
logo
Renesas Technology Corp
RAA226110 RENESAS-RAA226110 Datasheet
510Kb / 23P
Low-Side GAN FET Driver with Programmable Source Current and Adjustable Overcurrent Protection
Sep.15.20
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com