Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1356ET5TA Datasheet (PDF) - Diodes Incorporated

ZXLD1356ET5TA Datasheet PDF - Diodes Incorporated
Part # ZXLD1356ET5TA
Download  ZXLD1356ET5TA Download
File Size   611.61 Kbytes
Page   29 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V 550mA LED DRIVER and AUTOMOTIVE GRADE

ZXLD1356ET5TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLD1356ET5TA Datasheet PDF - Diodes Incorporated

Part # ZXLD1356ET5TA
Download  ZXLD1356ET5TA Click to download

File Size   611.61 Kbytes
Page   29 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V 550mA LED DRIVER and AUTOMOTIVE GRADE

ZXLD1356ET5TA Datasheet (HTML) - Diodes Incorporated


ZXLD1356ET5TA Product details

Description
The ZXLD1356 is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The device operates from an input supply between 6V and 60V and provides an externally adjustable output current of up to 550mA. Depending upon supply voltage and external components, this can provide up to 30 watts of output power.

Features
• Typically better than 0.8% output current accuracy
• Simple and with low part count
• Single pin on/off and brightness control using DC voltage or PWM
• PWM resolution up to 1000:1
• High efficiency (up to 97%)
• Wide input voltage range: 6V to 60V
• Inherent open-circuit LED protection
• Available in thermally enhanced packages
   ◾ V-DFN3030-6 θJA 44°C/W
   ◾ TSOT25 θJA 82°C/W
• Available in “Green” Molding Compound (No Br, Sb) with lead Free
   Finish/ RoHS Compliant
   ◾ Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
   ◾ Halogen and Antimony Free. “Green” Device (Note 3)
• ZXLD1356QET5TA Automotive Grade qualified to AEC-Q100 Grade 1

Applications
• Low Voltage Halogen Replacement LEDs
• Automotive Lighting
• Low Voltage Industrial Lighting
• LED Back-Up Lighting
• Illuminated Signs
• Emergency Lighting
• SELV Lighting
• Refrigeration Lights




Similar Part No. - ZXLD1356ET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
High accuracy 550mA, 60V LED driver with internal switch
ZXLD1356 DIODES-ZXLD1356 Datasheet
529Kb / 29P
60V 550mA LED DRIVER with AEC-Q100
Rev 3
ZXLD1356Q DIODES-ZXLD1356Q Datasheet
1Mb / 28P
AUTOMOTIVE GRADE 60V 550mA LED DRIVER
Rev 2
ZXLD1356QDACTC DIODES-ZXLD1356QDACTC Datasheet
1Mb / 28P
AUTOMOTIVE GRADE 60V 550mA LED DRIVER
Rev 2
ZXLD1356QET5TA DIODES-ZXLD1356QET5TA Datasheet
1Mb / 28P
AUTOMOTIVE GRADE 60V 550mA LED DRIVER
Rev 2
More results


Similar Description - ZXLD1356ET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
High accuracy 550mA, 60V LED driver with internal switch
ZXLD1356 DIODES-ZXLD1356_10 Datasheet
529Kb / 29P
60V 550mA LED DRIVER with AEC-Q100
Rev 3
logo
SYNC POWER Crop.
SP2260 SYNC-POWER-SP2260 Datasheet
267Kb / 7P
60V Buck LED Driver
logo
Diodes Incorporated
ZXLD1360Q DIODES-ZXLD1360Q Datasheet
724Kb / 22P
AUTOMOTIVE GRADE 30V 1A LED DRIVER
Rev 1
ZXLD1350Q DIODES-ZXLD1350Q Datasheet
858Kb / 19P
AUTOMOTIVE GRADE 350mA BUCK LED DRIVER
Rev 1
ZXLD1356Q DIODES-ZXLD1356Q Datasheet
1Mb / 28P
AUTOMOTIVE GRADE 60V 550mA LED DRIVER
Rev 2
ZXLD1366Q DIODES-ZXLD1366Q Datasheet
1Mb / 29P
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
Rev 1
AL5809Q DIODES-AL5809Q_17 Datasheet
520Kb / 12P
AUTOMOTIVE COMPLIANT 60V TWO TERMINAL CONSTANT CURRENT LED DRIVER
Rev 2
ZXLD1366Q DIODES-ZXLD1366Q_18 Datasheet
1Mb / 32P
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
Rev 2
AL5871Q DIODES-AL5871Q Datasheet
1Mb / 15P
AUTOMOTIVE GRADE, 55V LINEAR LED DRIVER
Rev. 1 - 2 November 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com