Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2391 Datasheet (PDF) - Rohm

2SD2391 Datasheet PDF - Rohm
Part # 2SD2391
Download  2SD2391 Download
File Size   105.04 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (60V, 2A)

2SD2391 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2391 Datasheet PDF - Rohm

Part # 2SD2391
Download  2SD2391 Click to download

File Size   105.04 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (60V, 2A)

2SD2391 Datasheet (HTML) - Rohm


2SD2391 Product details

Features

1) Low saturation voltage , typically
VCE (sat) =0.13V at IC / IB =1A /50mA.

2) Collector-emitter voltage =60V

3) Pc = 2W (on 40400.7mm ceramic board).

4) Complements the 2SB1561.




Similar Part No. - 2SD2391

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2391 ROHM-2SD2391 Datasheet
73Kb / 4P
Medium Power Transistor ( 60V, 2A)
logo
Guangdong Kexin Industr...
2SD2391 KEXIN-2SD2391 Datasheet
49Kb / 1P
Medium Power Transistor
logo
Rohm
2SD2391 ROHM-2SD2391 Datasheet
164Kb / 3P
Medium Power Transistor (60V, 2A)
logo
Nanjing International G...
2SD2391 DGNJDZ-2SD2391 Datasheet
351Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2391 JIANGSU-2SD2391 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Similar Description - 2SD2391

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1561 ROHM-2SB1561 Datasheet
113Kb / 4P
Medium Power Transistor (-60V, -2A)
2SC5866 ROHM-2SC5866 Datasheet
39Kb / 3P
Medium power transistor (60V, 2A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
Power transistor (-60V, -2A)
2SA2094 ROHM-2SA2094 Datasheet
99Kb / 4P
Medium power transistor (-60V, -2A)
2SD2391 ROHM-2SD2391 Datasheet
73Kb / 4P
Medium Power Transistor ( 60V, 2A)
2SC5866 ROHM-2SC5866_1 Datasheet
86Kb / 4P
Medium power transistor (60V, 2A)
2SD2391 ROHM-2SD2391_09 Datasheet
164Kb / 3P
Medium Power Transistor (60V, 2A)
2SA2094 ROHM-2SA2094_11 Datasheet
934Kb / 4P
Medium power transistor (-60V, -2A)
2SC5866 ROHM-2SC5866_11 Datasheet
935Kb / 4P
Medium power transistor (60V, 2A)
2SC5866TLR ROHM-2SC5866TLR Datasheet
306Kb / 4P
Medium power transistor (60V, 2A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com