Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1600 Datasheet (PDF) - Agilent(Hewlett-Packard)

U1600 Datasheet PDF - Agilent(Hewlett-Packard)
Part # U1600
Download  U1600 Download
File Size   1974.75 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description U1600 Series Handheld Digital Oscilloscopes

U1600 Datasheet (PDF)

Go To PDF Page Download Datasheet
U1600 Datasheet PDF - Agilent(Hewlett-Packard)

Part # U1600
Download  U1600 Click to download

File Size   1974.75 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description U1600 Series Handheld Digital Oscilloscopes

U1600 Datasheet (HTML) - Agilent(Hewlett-Packard)


U1600 Product details

Delivering more functionality and performance with a handheld digital oscilloscope



Introduction

The U1600 Series handheld digital

oscilloscope has a 4.5-inch LCD color display, which helps to clearly distinguish waveforms between two channels. This U1600 Series provides a high performance troubleshooting and quality assurance tool for technical professionals in the installation, maintenance, service, and automotive industries.



Features

• Three-in-one solution: Dual channel oscilloscope, True RMS DMM, and Real-Time Data Logger

• Large 4.5” color LCD display

• Up to 40 MHz bandwidth with advanced triggering

• Up to 200 MSa/s sampling rate

• Up to 125 000 points recording length

• 22 automatic scope measurement functions available

• 6,000-count DMM resolution with built-in measurement functions including voltmeter, ohmmeter, and auxiliary meter

• Zoom and Dual Waveform Math functions (additional FFT function with four windowing techniques available in U1604A/U1604B)

• Full remote control and data transfer via PC Link application software

• USB 2.0 full-speed interface connectivity

• Multi-language Quick Help support



 




Similar Part No. - U1600

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1600 KEYSIGHT-U1600 Datasheet
7Mb / 42P
For Electronic, Electrical and Industrial Process Testing
More results


Similar Description - U1600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
Digital Storage Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
Handheld Oscilloscopes
logo
Keysight Technologies
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
Handheld Digital Oscilloscopes
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
Handheld Digital Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com