Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1035 Datasheet (PDF) - Lattice Semiconductor

DS1035 Datasheet PDF - Lattice Semiconductor
Part # DS1035
Download  DS1035 Download
File Size   7831.69 Kbytes
Page   106 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description MachXO2??Family Data Sheet

DS1035 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1035 Datasheet PDF - Lattice Semiconductor

Part # DS1035
Download  DS1035 Click to download

File Size   7831.69 Kbytes
Page   106 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description MachXO2??Family Data Sheet

DS1035 Datasheet (HTML) - Lattice Semiconductor


DS1035 Product details

Features

Flexible Logic Architecture

 • Six devices with 256 to 6864 LUT4s and  19 to 335 I/Os

Ultra Low Power Devices

  • Advanced 65 nm low power process

  • As low as 19 µW standby power

  • Programmable low swing differential I/Os

  • Stand-by mode and other power saving options

Embedded and Distributed Memory

  • Up to 240 Kbits sysMEM™ Embedded Block RAM

  • Up to 54 Kbits Distributed RAM

  • Dedicated FIFO control logic  On-Chip User Flash Memory

  • Up to 256 Kbits of User Flash Memory

  • 100,000 write cycles

  • Accessible through WISHBONE, SPI, I2C and JTAG interfaces

  • Can be used as soft processor PROM or as Flash memory

Pre-Engineered Source Synchronous I/O

  • DDR registers in I/O cells

  • Dedicated gearing logic

  • 7:1 Gearing for Display I/Os

  • Generic DDR, DDRX2, DDRX4

  • Dedicated DDR/DDR2/LPDDR memory with DQS support

High Performance, Flexible I/O Buffer

  • Programmable sysIO™ buffer supports wide range of interfaces:

   – LVCMOS 3.3/2.5/1.8/1.5/1.2

   – LVTTL

   –PCI

   – LVDS, Bus-LVDS, MLVDS, RSDS, LVPECL

   – SSTL 25/18

   – HSTL 18

   – Schmitt trigger inputs, up to 0.5V hysteresis

  • I/Os support hot socketing

  • On-chip differential termination

  • Programmable pull-up or pull-down mode




Similar Part No. - DS1035

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
3-in-1 High.Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035-10 DALLAS-DS1035-10 Datasheet
50Kb / 6P
3-in-1 High.Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1035-10 MAXIM-DS1035-10 Datasheet
55Kb / 6P
3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035-12 DALLAS-DS1035-12 Datasheet
50Kb / 6P
3-in-1 High.Speed Silicon Delay Line
More results


Similar Description - DS1035

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
MachXO Family Data Sheet
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
LatticeXP Family Data Sheet
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
LatticeXP2 Family Data Sheet
logo
Freescale Semiconductor...
K10P144M120SF3 FREESCALE-K10P144M120SF3 Datasheet
1Mb / 75P
K10 Sub-Family Data Sheet
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
KL14 Sub-Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
Product family data sheet
Rev 11A
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
M68HC11E Family Data Sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
PIC18F87K22 Family Data Sheet
05/02/11
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
MachXO2 Family Data Sheet
2010-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com