Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7021-N Datasheet (PDF) - Analog Devices

ADF7021-N Datasheet PDF - Analog Devices
Part # ADF7021-N
Download  ADF7021-N Download
File Size   2499.09 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Narrow-Band Transceiver IC

ADF7021-N Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF7021-N Datasheet PDF - Analog Devices

Part # ADF7021-N
Download  ADF7021-N Click to download

File Size   2499.09 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Narrow-Band Transceiver IC

ADF7021-N Datasheet (HTML) - Analog Devices


ADF7021-N Product details

GENERAL DESCRIPTION
The ADF7021-N is a high performance, low power, narrow band transceiver based on the ADF7021. The ADF7021-N has IF filter bandwidths of 9 kHz, 13.5 kHz, and 18.5 kHz, making it ideally suited to worldwide narrowband standards and particularly those that stipulate 12.5 kHz channel separation.
It is designed to operate in the narrow-band, license-free ISM bands and in the licensed bands with frequency ranges of 80 MHz to 650 MHz and 842 MHz to 916 MHz. The part has both Gaussian and raised cosine transmit data filtering options to improve spectral efficiency for narrow-band applications. It is suitable for circuit applications targeted at the Japanese ARIB STD-T67, the European ETSI EN 300 220, the Korean short range device regulations, the Chinese short range device regulations, and the North American FCC Part 15, Part 90, and Part 95 regulatory standards. A complete transceiver can be built using a small number of external discrete components, making the ADF7021-N very suitable for price-sensitive and area-sensitive applications.

FEATURES
  Low power, narrow-band transceiver
  Frequency bands using dual VCO
     80 MHz to 650 MHz
     842 MHz to 916 MHz
  Programmable IF filter bandwidths of
     9 kHz, 13.5 kHz, and 18.5 kHz
  Modulation schemes: 2FSK, 3FSK, 4FSK, MSK
  Spectral shaping: Gaussian and raised cosine filtering
  Data rates supported: 0.05 kbps to 24 kbps
  2.3 V to 3.6 V power supply
  Programmable output power
     −16 dBm to +13 dBm in 63 steps
  Automatic power amplifier (PA) ramp control
  Receiver sensitivity
     −130 dBm at 100 bps, 2FSK
     −122 dBm at 1 kbps, 2FSK
  Patent pending, on-chip image rejection calibration
  On-chip VCO and fractional-N PLL
  On-chip, 7-bit ADC and temperature sensor
  Fully automatic frequency control loop (AFC)
  Digital received signal strength indication (RSSI)
  Integrated Tx/Rx switch
  0.1 μA leakage current in power-down mode
 
APPLICATIONS
  Narrow-band, short range device (SRD) standards
     ARIB STD-T67, ETSI EN 300 220, Korean SRD standard,
        FCC Part 15, FCC Part 90, FCC Part 95
  Low cost, wireless data transfer
  Remote control/security systems
  Wireless metering
  Wireless medical telemetry service (WMTS)
  Home automation
  Process and building control
  Pagers




Similar Part No. - ADF7021-N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-VBCPZ AD-ADF7021-VBCPZ Datasheet
1Mb / 60P
HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-VBCPZ-RL AD-ADF7021-VBCPZ-RL Datasheet
1Mb / 60P
HIgh Performance Narrow-Band Transceiver IC
REV. 0
More results


Similar Description - ADF7021-N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
High Performance ISM Band FSK/ASK Transceiver IC
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
High Performance ISM Band Transceiver IC
2/06-Rev. 0 to Rev. A
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
Narrow Band Radio Transceiver
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
UHF Narrow Band Transceiver
logo
Analog Devices
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
HIgh Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. B
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. B
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
High Performance Narrow-Band Transceiver IC
REV. C
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
High Performance ISM Band Transceiver IC
REV. B
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com