Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1727 Datasheet (PDF) - Rohm

A1727 Datasheet PDF - Rohm
Part # A1727
Download  A1727 Download
File Size   31.81 Kbytes
Page   1 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-voltage Switching Transistor ( 400V, 0.5A)

A1727 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1727 Datasheet PDF - Rohm

Part # A1727
Download  A1727 Click to download

File Size   31.81 Kbytes
Page   1 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-voltage Switching Transistor ( 400V, 0.5A)

A1727 Datasheet (HTML) - Rohm




Similar Part No. - A1727

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
A172 PROSIGNAL-A172 Datasheet
182Kb / 1P
Plug
06/12/12 V1.0
logo
Allegro MicroSystems
A17201 ALLEGRO-A17201 Datasheet
705Kb / 12P
Two-Wire AC-Coupled Differential Sensor IC with Integrated Filter Capacitor
A17201LUAA-I1 ALLEGRO-A17201LUAA-I1 Datasheet
705Kb / 12P
Two-Wire AC-Coupled Differential Sensor IC with Integrated Filter Capacitor
A17201LUBATN-I1 ALLEGRO-A17201LUBATN-I1 Datasheet
705Kb / 12P
Two-Wire AC-Coupled Differential Sensor IC with Integrated Filter Capacitor
logo
DB Lectro Inc
A1720AGA2 DBLECTRO-A1720AGA2 Datasheet
282Kb / 1P
BOX HEADER IDC TYPE
More results


Similar Description - A1727

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1812 ROHM-2SA1812 Datasheet
250Kb / 4P
High-voltage Switching Transistor (-400V, -0.5A)
2SC3969 ROHM-2SC3969 Datasheet
120Kb / 4P
High Voltage Switching Transistor(400V, 2A)
2SA1862 ROHM-2SA1862 Datasheet
93Kb / 3P
High-voltage Switching Transistor (-400V, -2A)
2SD2568 ROHM-2SD2568 Datasheet
64Kb / 3P
Power Transistor (400V, 0.5A)
2SC5161 ROHM-2SC5161 Datasheet
83Kb / 4P
HIgh voltage switching transistor (400V, 2A)
2SC5161TLB ROHM-2SC5161TLB Datasheet
75Kb / 3P
High voltage switching transistor (400V, 2A)
logo
Diodes Incorporated
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 3
FCX458 DIODES-FCX458_17 Datasheet
499Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR
Rev 7
FCX558 DIODES-FCX558_17 Datasheet
495Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com