Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1893AFLF Datasheet (PDF) - Integrated Device Technology

1893AFLF Datasheet PDF - Integrated Device Technology
Part # 1893AFLF
Download  1893AFLF Download
File Size   1040.45 Kbytes
Page   136 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3-V 10Base-T/100Base-TX Integrated PHYceiver?

1893AFLF Datasheet (PDF)

Go To PDF Page Download Datasheet
1893AFLF Datasheet PDF - Integrated Device Technology

Part # 1893AFLF
Download  1893AFLF Click to download

File Size   1040.45 Kbytes
Page   136 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3-V 10Base-T/100Base-TX Integrated PHYceiver?

1893AFLF Datasheet (HTML) - Integrated Device Technology


1893AFLF Product details

General
The ICS1893AF is a lower cost, re-packaged version of the ICS1893Y-10. The ICS1893AF is a fully integrated, Physical Layer device (PHY) that is compliant with both the 10Base-T and 100Base-TX CSMA/CD Ethernet Standard, ISO/IEC 8802-3. The ICS1893AF uses the same proven silicon as the ICS1893Y-10 but offers a lower cost solution by using a lower cost 300 mil. 48-lead SSOP package.

Features
• Single 3.3V power supply
• Supports category 5 cables with attenuation in excess of 24dB at 100 MHz.
• DSP-based baseline wander correction to virtually eliminate killer packets
• Low-power, 0.35-micron CMOS (typically 400 mW)
• Single-chip, fully integrated PHY provides PCS, PMA, PMD, and AUTONEG sublayers of IEEE standard
• 10Base-T and 100Base-TX IEEE 802.3 compliant
• Clock or crystal supported
• Media Independent Interface (MII) supported
• Managed or Unmanaged Applications
• 10M or 100M Half and Full Duplex Modes
• Auto-Negotiation with Parallel detection for Legacy products
• Fully integrated, DSP-based PMD includes:
    – Adaptive equalization and baseline wander correction
    – Transmit wave shaping and stream cipher scrambler
    – MLT-3 encoder and NRZ/NRZI encoder
• Loopback mode for Diagnostic Functions
• Small footprint 48-pin 300 mil SSOP package. Available in Industrial Temperature




Similar Part No. - 1893AFLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
1893AG ICST-1893AG Datasheet
1Mb / 135P
3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
Rev. A 04/14/05
1893AGI ICST-1893AGI Datasheet
1Mb / 135P
3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
Rev. A 04/14/05
1893AGILF ICST-1893AGILF Datasheet
1Mb / 135P
3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
Rev. A 04/14/05
1893AGLF ICST-1893AGLF Datasheet
1Mb / 135P
3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
Rev. A 04/14/05
More results


Similar Description - 1893AFLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893 Datasheet
983Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev C 6/6/00
ICS1893BF ICST-ICS1893BF Datasheet
1Mb / 133P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
ICS1893BRIEF ICST-ICS1893BRIEF Datasheet
389Kb / 7P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev B 9/10/99
ICS1893BY-10 ICST-ICS1893BY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev A 3/24/04
ICS1893CY-10 ICST-ICS1893CY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev 1/07
logo
Integrated Device Techn...
ICS1893CF IDT-ICS1893CF Datasheet
1Mb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CK-40 IDT-ICS1893CK-40 Datasheet
1Mb / 121P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893_09 Datasheet
948Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev D 8/11/09
logo
Integrated Device Techn...
ICS1893AFLF IDT-ICS1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com