Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM708SAR-REEL Datasheet (PDF) - Analog Devices

ADM708SAR-REEL Datasheet PDF - Analog Devices
Part # ADM708SAR-REEL
Download  ADM708SAR-REEL Download
File Size   486.87 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V, Voltage Monitoring Microprocessor Supervisory Circuits

ADM708SAR-REEL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM708SAR-REEL Datasheet PDF - Analog Devices

Part # ADM708SAR-REEL
Download  ADM708SAR-REEL Click to download

File Size   486.87 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V, Voltage Monitoring Microprocessor Supervisory Circuits

ADM708SAR-REEL Datasheet (HTML) - Analog Devices


ADM708SAR-REEL Product details

GENERAL DESCRIPTION
The ADM706P/ADM706R/ADM706S/ADM706T and the ADM708R/ADM708S/ADM708T microprocessor supervisory circuits are suitable for monitoring either 3 V or 3.3 V power supplies.

FEATURES
   Precision supply voltage monitor
     2.63 V (ADM706P, ADM706R, ADM708R)
     2.93 V (ADM706S, ADM708S)
     3.08 V (ADM706T, ADM708T)
   100 μA quiescent current
   200 ms reset pulse width
   Debounced manual reset input (MR)
   Independent watchdog timer 1.6 second timeout (ADM706x)
   Reset output
     Active high (ADM706P)
     Active low (ADM706R, ADM706S, ADM706T)
     Both active high and active low (ADM708R, ADM708S, ADM708T)
   Voltage monitor for power-fail or low battery warning
   Guaranteed RESETvalid with VCC= 1 V
   Superior upgrade for MAX706P/R/S/T, MAX708R/S/T

APPLICATIONS
   Microprocessor systems
   Computers
   Controllers
   Intelligent instruments
   Critical microprocessor monitoring
   Battery-operated systems
   Portable instruments




Similar Part No. - ADM708SAR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
More results


Similar Description - ADM708SAR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706P AD-ADM706P Datasheet
129Kb / 8P
3 V, Voltage Monitoring uP Supervisory Circuits
REV.A
ADM706P_VC AD-ADM706P_VC Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Rev. C
ADM706SARZ AD-ADM706SARZ Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RANZ AD-ADM708RANZ Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM706TARZ-REEL AD-ADM706TARZ-REEL Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM706RARZ AD-ADM706RARZ Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RAR-REEL AD-ADM708RAR-REEL Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708ARZ-REEL AD-ADM708ARZ-REEL Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com