Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2712GRTE85L Datasheet (PDF) - Toshiba Semiconductor

2SC2712GRTE85L Datasheet PDF - Toshiba Semiconductor
Part # 2SC2712GRTE85L
Download  2SC2712GRTE85L Download
File Size   270.44 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications

2SC2712GRTE85L Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2712GRTE85L Datasheet PDF - Toshiba Semiconductor

Part # 2SC2712GRTE85L
Download  2SC2712GRTE85L Click to download

File Size   270.44 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications

2SC2712GRTE85L Datasheet (HTML) - Toshiba Semiconductor


2SC2712GRTE85L Product details

Audio Frequency General Purpose Amplifier Applications

• High voltage and high current: VCEO = 50 V, IC = 150 mA (max)
• Excellent hFE linearity : hFE (IC = 0.1 mA)/ hFE (IC = 2 mA)
                                         = 0.95 (typ.)
• High hFE: hFE = 70~700
• Low noise: NF = 1dB (typ.), 10dB (max)
• Complementary to 2SA1162
• Small package




Similar Part No. - 2SC2712GRTE85L

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SC2712GR WEITRON-2SC2712GR Datasheet
338Kb / 5P
Silicon NPN Transistors
logo
SHIKUES Electronics
2SC2712GR SKTECHNOLGY-2SC2712GR Datasheet
2Mb / 4P
Low Noise, Complementary to 2SA1162
More results


Similar Description - 2SC2712GRTE85L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
Audio frequency General Purpose Amplifier Applications
16-Jan-2002
2SA1162 TOSHIBA-2SA1162_07 Datasheet
391Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SA1586 TOSHIBA-2SA1586_07 Datasheet
382Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com