Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2417F Datasheet (PDF) - Toshiba Semiconductor

2SK2417F Datasheet PDF - Toshiba Semiconductor
Part # 2SK2417F
Download  2SK2417F Download
File Size   409.9 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Chopper Regulator, DC?묭C Converter and Motor Drive Applications

2SK2417F Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2417F Datasheet PDF - Toshiba Semiconductor

Part # 2SK2417F
Download  2SK2417F Click to download

File Size   409.9 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Chopper Regulator, DC?묭C Converter and Motor Drive Applications

2SK2417F Datasheet (HTML) - Toshiba Semiconductor


2SK2417F Product details

Chopper Regulator, DC−DC Converter and Motor Drive Applications



Low drain−source ON resistance : RDS (ON) = 0.42 Ω (typ.)

High forward transfer admittance : |Yfs| = 7.5 S (typ.)

Low leakage current : IDSS = 100 μA (max) (VDS = 250 V)

Enhancement mode : Vth = 1.5 to 3.5 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK2417F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2417 TOSHIBA-2SK2417 Datasheet
279Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2417 TOSHIBA-2SK2417 Datasheet
679Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2417 TOSHIBA-2SK2417 Datasheet
409Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK2417 ISC-2SK2417 Datasheet
60Kb / 2P
Fast Switching Speed
logo
Toshiba Semiconductor
2SK2417 TOSHIBA-2SK2417 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - 2SK2417F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3051 TOSHIBA-2SK3051_09 Datasheet
165Kb / 3P
Chopper Regulator DC?묭C Converter, and Motor Drive
2SK3067 TOSHIBA-2SK3067_09 Datasheet
136Kb / 3P
Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3089 TOSHIBA-2SK3089_09 Datasheet
164Kb / 3P
Chopper Regulator DC?묭C Converter, and Motor Drive
2SK3312 TOSHIBA-2SK3312_09 Datasheet
323Kb / 6P
Chopper Regulator, DC?묭C Converter and Motor Drive
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2507F TOSHIBA-2SK2507F Datasheet
425Kb / 6P
Chopper Regulator, DC?묭C Converter and Motor Drive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com