Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34072DG Datasheet (PDF) - ON Semiconductor

MC34072DG Datasheet PDF - ON Semiconductor
Part # MC34072DG
Download  MC34072DG Download
File Size   297.07 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Supply 3.0 V to 44 V Operational Amplifiers

MC34072DG Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34072DG Datasheet PDF - ON Semiconductor

Part # MC34072DG
Download  MC34072DG Click to download

File Size   297.07 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Supply 3.0 V to 44 V Operational Amplifiers

MC34072DG Datasheet (HTML) - ON Semiconductor


MC34072DG Product details

Quality bipolar fabrication with innovative design concepts are employed for the MC33071/72/74, MC34071/72/74, NCV33072/74A series of monolithic operational amplifiers. This series of operational amplifiers offer 4.5 MHz of gain bandwidth product, 13 V/μs slew rate and fast settling time without the use of JFET device technology. Although this series can be operated from split supplies, it is particularly suited for single supply operation, since the common mode input voltage range includes ground potential (VEE). With a Darlington input stage, this series exhibits high input resistance, low input offset voltage and high gain. The all NPN output stage, characterized by no deadband crossover distortion and large output voltage swing, provides high capacitance drive capability, excellent phase and gain margins, low open loop high frequency output impedance and symmetrical source/sink AC frequency response.
The MC33071/72/74, MC34071/72/74, NCV33072/74,A series of devices are available in standard or prime performance (A Suffix) grades and are specified over the commercial, industrial/vehicular or military temperature ranges. The complete series of single, dual and quad operational amplifiers are available in plastic DIP, SOIC, QFN and TSSOP surface mount packages.

Features
• Wide Bandwidth: 4.5 MHz
• High Slew Rate: 13 V/μs
• Fast Settling Time: 1.1 μs to 0.1%
• Wide Single Supply Operation: 3.0 V to 44 V
• Wide Input Common Mode Voltage Range: Includes Ground (VEE)
• Low Input Offset Voltage: 3.0 mV Maximum (A Suffix)
• Large Output Voltage Swing: −14.7 V to +14 V (with ±15 V Supplies)
• Large Capacitance Drive Capability: 0 pF to 10,000 pF
• Low Total Harmonic Distortion: 0.02%
• Excellent Phase Margin: 60°
• Excellent Gain Margin: 12 dB
• Output Short Circuit Protection
• ESD Diodes/Clamps Provide Input Protection for Dual and Quad
• NCV Prefix for Automotive and Other Applications Requiring
   Unique Site and Control Change Requirements; AEC−Q100
   Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - MC34072DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34072DG ONSEMI-MC34072DG Datasheet
268Kb / 22P
Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34072DG ONSEMI-MC34072DG Datasheet
297Kb / 26P
Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34072DG ONSEMI-MC34072DG Datasheet
291Kb / 25P
Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC34072DG ONSEMI-MC34072DG Datasheet
252Kb / 26P
Operational Amplifiers
July, 2014 ??Rev. 22
More results


Similar Description - MC34072DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
logo
Texas Instruments
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
logo
ON Semiconductor
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com