Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T0835 Datasheet (PDF) - List of Unclassifed Manufacturers

T0835 Datasheet PDF - List of Unclassifed Manufacturers
Part # T0835
Download  T0835 Download
File Size   162.05 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Professional quality Hacksaws and Junior Hacksaws

T0835 Datasheet (PDF)

Go To PDF Page Download Datasheet
T0835 Datasheet PDF - List of Unclassifed Manufacturers

Part # T0835
Download  T0835 Click to download

File Size   162.05 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Professional quality Hacksaws and Junior Hacksaws

T0835 Datasheet (HTML) - List of Unclassifed Manufacturers


T0835 Product details

[Carl Kammerling International ltd.]



Range Description

Professional quality Hacksaws and Junior Hacksaws



Features

814

•  Heavy duty hacksaw with comfortable rubber grips

•  Quick release blade mechanism for convenience

•  Blade tension adjuster

•  45 and 90 degree blade positions for versatility

•  Spare blade storage in back frame for convenience

•  Supplied complete with top quality cekaflex HHS bimetal 24 tpi blade

•  Display packed

903

•  Heavy duty hacksaw with Aluminium handle and strong box section steel beam for professional performance

•  Integral blade tension lever

•  Blade adjustable through 360 degrees at 45 degree intervals

•  Supplied complete with top quality cekaflex HHS bimetal 24 tpi blade

•  Sold loose

905

•  Heavy duty hacksaw with Aluminium handle and strong box section steel beam for professional performance

•  Easy blade fitting and tensioning for convenience

•  45 and 90 degree blade positions for versatility

•  Spare blade storage in back frame for convenience

•  Supplied complete with top quality cekaflex HHS bimetal 24 tpi blade

•  Display packed

834

•  High quality tensioned steel frame

•  Epoxy coated for protection

•  Non protruding blade fixing – avoids injury in use

•  1 x 150mm 32 tpi high quality blade fitted and 1 spare supplied

•  Display packed

837

•  Aluminium frame – strong and lightweight

•  Fast easy blade fitting with screw tensioning for convenience

•  Blade adjustable to 6 angles for maximum flexibility

•  Lightweight mitre box – with three cutting angles and extended lip for stable positioning

•  24 TPI Blade

•  Display packed




Similar Part No. - T0835

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
T0835H JIEJIE-T0835H Datasheet
405Kb / 6P
JIEJIE MICROELECTRONICS CO. , Ltd
Rev.3.0
logo
JILIN SINO-MICROELECTRO...
T0835HB-CD-B JSMC-T0835HB-CD-B Datasheet
618Kb / 6P
TRIACS
201909A
T0835HB-CD-BR JSMC-T0835HB-CD-BR Datasheet
618Kb / 6P
TRIACS
201909A
T0835HJ-CB-B JSMC-T0835HJ-CB-B Datasheet
618Kb / 6P
TRIACS
201909A
T0835HJ-CB-BR JSMC-T0835HJ-CB-BR Datasheet
618Kb / 6P
TRIACS
201909A
More results


Similar Description - T0835

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7960 OMNIVISION-OV7960 Datasheet
1Mb / 2P
Superior Image Quality for Professional Grade CCTV Cameras
OV7962 OMNIVISION-OV7962 Datasheet
981Kb / 2P
Superior Image Quality for Professional Grade IP Cameras
logo
List of Unclassifed Man...
T2301 ETC1-T2301 Datasheet
473Kb / 9P
A range of professional quality tweezers
702-0400 ETC2-702-0400 Datasheet
415Kb / 1P
PROFESSIONAL QUALITY - PANEL SOCKET
5911 ETC2-5911 Datasheet
154Kb / 3P
Professional quality inspection mirrors
49783 ETC2-49783 Datasheet
259Kb / 3P
Professional Quality Tweezers
PH-1300 ETC2-PH-1300 Datasheet
231Kb / 6P
Compact Light Weight Easy-to-Use Professional Quality Heat Guns
PH-1100K ETC2-PH-1100K Datasheet
231Kb / 6P
Compact Light Weight Easy-to-Use Professional Quality Heat Guns
logo
Kingston Technology Far...
MLPMR2 KINGSTON-MLPMR2 Datasheet
204Kb / 2P
CANVAS REACT PLUS microSD Creativity and Inspiration in Professional Quality
MLPR2 KINGSTON-MLPR2 Datasheet
179Kb / 2P
CANVAS REACT PLUS SD Creativity and Inspiration in Professional Quality
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com