Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C78A Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-C78A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-C78A
Download  ACPL-C78A Download
File Size   278.21 Kbytes
Page   17 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Miniature Isolation Amplifiers 0.3 mV Input Offset Voltage

ACPL-C78A Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-C78A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C78A
Download  ACPL-C78A Click to download

File Size   278.21 Kbytes
Page   17 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Miniature Isolation Amplifiers 0.3 mV Input Offset Voltage

ACPL-C78A Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-C78A Product details

Description
The ACPL-C78A/C780/C784 family of isolation amplifers is designed for current sensing in electronic motor drives. In a typical implementation, motor currents flow through an external resistor and the resulting analog voltage drop is sensed by the ACPL-C78A/C780/C784. A differential output voltage is created on the other side of the ACPL-C78A/C780/C784 optical isolation barrier. This differential output voltage is proportional to the motor current and can be converted to a single-ended signal by using an op-amp as shown in the recommended ap plication circuit. Since common-mode voltage swings of several hundred volts in tens of nanoseconds are common in modern switching inverter motor drives, the ACPL-C78A/C780/C784 is designed to ignore very high common-mode transient slew rates (of at least 10 kV/μs).

Features
• 15 kV/μs Common-Mode Rejection at VCM = 1000 V
• Compact, Auto-Insertable Stretched SO-8 Package
• 0.00025 V/V/°C Gain Drift vs. Temperature
• 0.3 mV Input Offset Voltage
• 100 kHz Bandwidth
• 0.004% Nonlinearity
• Worldwide Safety Approval: UL 1577 (5000 Vrms/1 min.),
   CSA and IEC/EN/DIN EN 60747-5-5
• Advanced Sigma-Delta (∑-∆) A/D Converter Technology
• Fully Differential Amplifer

Applications
• Motor Phase and Rail Current Sensing
• Inverter Current Sensing
• DC bus voltage sensing
• General Purpose Current Sensing and Monitoring
• General Purpose Analog Signal Isolation




Similar Part No. - ACPL-C78A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
Miniature Isolation Amplifiers
More results


Similar Description - ACPL-C78A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD208 AD-AD208 Datasheet
872Kb / 15P
High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208_1 Datasheet
8Mb / 16P
High Precision, Low Offset, mV Input Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
logo
Analog Devices
AD208 AD-AD208_15 Datasheet
8Mb / 16P
HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Analog Devices
AD208 AD-AD208_16 Datasheet
7Mb / 17P
HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
Precision Miniature Isolation Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com