Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-3140 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-3140 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-3140
Download  HCPL-3140 Download
File Size   424.73 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 0.4 Amp Output Current IGBT Gate Drive Optocoupler High speed response

HCPL-3140 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-3140 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3140
Download  HCPL-3140 Click to download

File Size   424.73 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 0.4 Amp Output Current IGBT Gate Drive Optocoupler High speed response

HCPL-3140 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-3140 Product details

Description

The HCPL-3140/HCPL-0314 family of devices consists of a GaAsP LED optically coupled to an integrated circuit with a power output stage. These optocouplers are ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications. The high operating voltage range of the output stage provides the drive voltages required by gate controlled devices.



Features

• 0.4 A minimum peak output current

• High speed response:

   0.7 µs maximum propagation delay over temperature range

• Ultra high CMR: minimum 25 kV/µs at VCM = 1 kV

• Bootstrappable supply current: maximum 3 mA

• Wide operating temperature range: –40°C to 100°C

• Wide VCCoperating range: 10 V to 30 V over temp. range

• Available in DIP8 and SO8 package

• Safety approvals: UL approval, 3750 Vrmsfor 1 minute.

   CSA approval. IEC/EN/DIN EN 60747-5-2 approval

   VIORM = 630 Vpeak (HCPL-3140)



Applications

• Isolated IGBT/Power MOSFET gate drive

• AC and brushless DC motor drives

• Inverters for home appliances

• Industrial inverters

• Switch Mode Power Supplies (SMPS)




Similar Part No. - HCPL-3140

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3140 HP-HCPL-3140 Datasheet
249Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3140 AVAGO-HCPL-3140 Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140 AVAGO-HCPL-3140 Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-500E AVAGO-HCPL-3140-500E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Similar Description - HCPL-3140

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com