Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N35 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

4N35 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # 4N35
Download  4N35 Download
File Size   245.64 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Phototransistor Optocoupler General Purpose Type UL approved

4N35 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N35 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # 4N35
Download  4N35 Click to download

File Size   245.64 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Phototransistor Optocoupler General Purpose Type UL approved

4N35 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


4N35 Product details

Description
The 4N35 is an optocoupler for general purpose applications. It contains a light emitting diode optically coupled to a photo-transistor. It is packaged in a 6-pin DIP package and available in wide-lead spacing option and lead bend SMD option. Response time, tr, is typically 3 µs and minimum CTR is 100% at input current of 10 mA.

Features
• High Current Transfer Ratio
   (CTR: min. 100% at IF = 10 mA, VCE = 10 V)
• Response time
   (tr: typ., 3 µs at VCE = 10 V, IC = 2 mA, RL = 100 Ω)
• Input-output isolation voltage
   (Viso = 3550 Vrms)
• Dual-in-line package
• UL approved
• CSA approved
• IEC/EN/DIN EN 60747-5-2 approved
• Options available:         
   – Leads with 0.4" (10.16 mm) spacing (W00)
   – Leads bends for surface mounting (300)
   – Tape and reel for SMD (500)       
   – IEC/EN/DIN EN 60747-5-2 approvals (060)

Applications
• I/O interfaces for computers
• System appliances, measuring instruments
• Signal transmission between circuits of different
   potentials and impedances




Similar Part No. - 4N35

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N35 MOTOROLA-4N35 Datasheet
276Kb / 6P
STANDARD THRU HOLE CASE 730A-04
logo
Vishay Siliconix
4N35 VISHAY-4N35 Datasheet
157Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
27-Jan-05
logo
Toshiba Semiconductor
4N35 TOSHIBA-4N35 Datasheet
333Kb / 6P
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
27-Feb-1998
logo
QT Optoelectronics
4N35 QT-4N35 Datasheet
569Kb / 5P
PHOTOTRANSISTOR OPTOCOULERS
logo
Fairchild Semiconductor
4N35 FAIRCHILD-4N35 Datasheet
608Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Similar Description - 4N35

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
4N25 AVAGO-4N25 Datasheet
228Kb / 7P
Phototransistor Optocoupler General Purpose Type
4N35-000E AVAGO-4N35-000E Datasheet
245Kb / 7P
Phototransistor Optocoupler General Purpose Type
4N35-500E AVAGO-4N35-500E Datasheet
245Kb / 7P
Phototransistor Optocoupler General Purpose Type
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
4N25-300E AVAGO-4N25-300E Datasheet
240Kb / 7P
Phototransistor Optocoupler General Purpose Type
4N35-300E AVAGO-4N35-300E Datasheet
245Kb / 7P
Phototransistor Optocoupler General Purpose Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com