Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52CXNP Datasheet (PDF) - Siemens Semiconductor Group

52CXNP Datasheet PDF - Siemens Semiconductor Group
Part # 52CXNP
Download  52CXNP Download
File Size   325.11 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 30 mm Heavy Duty, Watertight/Oiltight, Class 52

52CXNP Datasheet (PDF)

Go To PDF Page Download Datasheet
52CXNP Datasheet PDF - Siemens Semiconductor Group

Part # 52CXNP
Download  52CXNP Click to download

File Size   325.11 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 30 mm Heavy Duty, Watertight/Oiltight, Class 52

52CXNP Datasheet (HTML) - Siemens Semiconductor Group




Similar Part No. - 52CXNP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
52CPQ030 IRF-52CPQ030 Datasheet
130Kb / 5P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
52CPQ030 VISHAY-52CPQ030 Datasheet
129Kb / 6P
Schottky Rectifier, 2 x 25 A
21-Aug-08
logo
Inchange Semiconductor ...
52CPQ030 ISC-52CPQ030 Datasheet
298Kb / 2P
Schottky Rectifier
logo
Vishay Siliconix
52CPQ030-N3 VISHAY-52CPQ030-N3 Datasheet
181Kb / 7P
Schottky Rectifier, 2 x 25 A
31-Aug-11
logo
International Rectifier
52CPQ030PBF IRF-52CPQ030PBF Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
More results


Similar Description - 52CXNP

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ900 AZETTLER-AZ900 Datasheet
364Kb / 2P
30 AMP HEAVY DUTY POWER RELAY
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
Heavy Duty Meter
logo
Omron Electronics LLC
MGN2A-AC24 OMRON-MGN2A-AC24 Datasheet
332Kb / 4P
30 Amp Heavy Duty Relay
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
logo
Hammond Manufacturing L...
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
Heavy Duty Flashlight
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com