Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL1212SC Datasheet (PDF) - Murata Manufacturing Co., Ltd.

NDL1212SC Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # NDL1212SC
Download  NDL1212SC Download
File Size   203.96 Kbytes
Page   4 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 2W Wide Input Single Output DC/DC Converters

NDL1212SC Datasheet (PDF)

Go To PDF Page Download Datasheet
NDL1212SC Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # NDL1212SC
Download  NDL1212SC Click to download

File Size   203.96 Kbytes
Page   4 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 2W Wide Input Single Output DC/DC Converters

NDL1212SC Datasheet (HTML) - Murata Manufacturing Co., Ltd.


NDL1212SC Product details

DESCRIPTION
The NDL series is a range of high performance miniature DC/DC converters having regulated outputs over the wide temperature range of -40ºC to 85ºC. The input voltage range is 2:1 with the output power at 2 watts and the input to output isolation is 1kVDC. Continuous short circuit protection, external control and extremely small SIP packaging provide state of the art functionality. Nominal input voltages of 5, 12, 24 and 48V with output voltages of 5,9,12 and 15V are available as standard with custom parts on request. The plastic case is rated to UL94V-0 with encapsulant to UL94V-1.

FEATURES
■ RoHS compliant
■ 2:1 wide range voltage input
■ Continuous short circuit protection with current foldback
■ Operating temperature range -40ºC to 85ºC
■ 0.75% regulation
■ 1kVDC Isolation
■ Efficiency to 83%
■ Power density 0.9W/cm3
■ 5V, 12V, 24V & 48V nominal input
■ 5V, 9V, 12V & 15V output
■ No electrolytic capacitors
■ Fully encapsulated
■ External control
■ Low noise
■ Fully encapsulated




Similar Part No. - NDL1212SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDL1212S CANDD-NDL1212S Datasheet
202Kb / 2P
Isolated 2W Wide Input Single Output DC-DC Converters
More results


Similar Description - NDL1212SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
Isolated 2W Wide Input Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
Isolated 2W Single Output DC/DC Converters
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
Fixed Input,Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
Isolated 2W Single Output DC/DC Converters
2B-XSD MICRODC-2B-XSD Datasheet
645Kb / 5P
Fixed Input,Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
2W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L TOPPOWER-TP2L Datasheet
579Kb / 3P
2W 1KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L-1KV3KV TOPPOWER-TP2L-1KV3KV Datasheet
181Kb / 3P
2W Isolated Wide Input Single Output DC/DC Converters
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
2W Isolated Single Output DC/DC Converters
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com