Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3805DQ Datasheet (PDF) - Pericom Semiconductor Corporation

PI49FCT3805DQ Datasheet PDF - Pericom Semiconductor Corporation
Part # PI49FCT3805DQ
Download  PI49FCT3805DQ Download
File Size   423.74 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 2 x 1:5 CMOS Clock Driver

PI49FCT3805DQ Datasheet (PDF)

Go To PDF Page Download Datasheet
PI49FCT3805DQ Datasheet PDF - Pericom Semiconductor Corporation

Part # PI49FCT3805DQ
Download  PI49FCT3805DQ Click to download

File Size   423.74 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 2 x 1:5 CMOS Clock Driver

PI49FCT3805DQ Datasheet (HTML) - Pericom Semiconductor Corporation


PI49FCT3805DQ Product details

Description
Pericom Semiconductor’s PI49FCT3805D/E is composed of non-inverting drivers. The outputs are configured into 2 groups of one-in, five-out with independent output enable. Group B has an extra MON output. Excellent output signals to power and ground ratio minimize power and ground noise and also improves output performance.

Features
• Low output skew: <200ps
• Switching frequency up to 166 MHz
• Fast output rise/fall time: <1.0ns
• Low propagation delay: <2.5ns
• Low input capacitance: <6.0pF
• Balanced CMOS outputs
• Industrial Temperature: –40°C to +85°C
• 3.3V ±10% operation, 5V Input Tolerant
• Packaging (Pb-free & Green available):
    – 20-pin 300-mil wide SOIC (S)
    – 20-pin 150-mil wide QSOP (Q)
    – 20-pin 209-mil wide SSOP (H)
    – 20-pin 173-mil wide TSSOP (L)




Similar Part No. - PI49FCT3805DQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3805DQ PERICOM-PI49FCT3805DQ Datasheet
325Kb / 7P
3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805DQ PERICOM-PI49FCT3805DQ Datasheet
433Kb / 8P
3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805DQE PERICOM-PI49FCT3805DQE Datasheet
433Kb / 8P
3.3V, 2 x 1:5 CMOS Clock Driver
More results


Similar Description - PI49FCT3805DQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32805 PERICOM-PI49FCT32805 Datasheet
425Kb / 7P
3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D Datasheet
325Kb / 7P
3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT32806 PERICOM-PI49FCT32806 Datasheet
214Kb / 7P
3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D_04 Datasheet
433Kb / 8P
3.3V, 2 x 1:5 CMOS Clock Driver
logo
List of Unclassifed Man...
PO74G38072A ETC2-PO74G38072A Datasheet
469Kb / 5P
3.3V 1:2 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
3.3V 1:5 CMOS Clock Buffered Driver
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
3.3V 1:2 CMOS Clock Driver
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com