Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31NT91-3 Datasheet (PDF) - Honeywell Solid State Electronics Center

31NT91-3 Datasheet PDF - Honeywell Solid State Electronics Center
Part # 31NT91-3
Download  31NT91-3 Download
File Size   118.63 Kbytes
Page   1 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description SWITCH - TOGGLE

31NT91-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
31NT91-3 Datasheet PDF - Honeywell Solid State Electronics Center

Part # 31NT91-3
Download  31NT91-3 Click to download

File Size   118.63 Kbytes
Page   1 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description SWITCH - TOGGLE

31NT91-3 Datasheet (HTML) - Honeywell Solid State Electronics Center


31NT91-3 Product details

GENERAL INFORMATION
MICRO SWITCH NT Series toggle switches are designed to meet severe environment application needs for rugged, cost-effective manual switches. These flat base style products are identical to the stepped base style in construction and features.
The flat base allows for PC board or connector use for easy wiring/connection. The flat base NT toggle switches are provided with quick-connect (spade) termination. Mating connectors are available.

FEATURES
● Spring-loaded actuating mechanism provides tactile feedback
● High impact strength, non-tracking
   case enhances electrical stability
● Temperature range: –40 to 71°C (–40 to 160°F)
● UL Recognized, File E12252, vol. 1, section 44
● CSA Certified, File LR4442
● CE approved
● Sealed switching chamber
● 1 or 2-pole circuitry
● 2 or 3 position maintained and momentary action
● Flat base with quick-connect
   terminals – mating connectors are
   available




Similar Part No. - 31NT91-3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
31NT91-3 HONEYWELL-31NT91-3 Datasheet
444Kb / 9P
Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
31NT91-3 HONEYWELL-ACC-31NT91-3 Datasheet
515Kb / 9P
Sealed Toggle Switches
logo
Honeywell Solid State E...
31NT91-3 HONEYWELL-31NT91-3 Datasheet
433Kb / 9P
Interactive Catalog Supplements Catalog PDFs
31NT91-3 HONEYWELL-31NT91-3 Datasheet
433Kb / 9P
Intersctive Catalog Supplements Catalog PDFs
31NT91-31 HONEYWELL-31NT91-31 Datasheet
444Kb / 9P
Interactive Catalog Supplements Catalog PDFs
More results


Similar Description - 31NT91-3

ManufacturerPart #DatasheetDescription
logo
CW Industries
GTS447G101HR CWIND-GTS447G101HR Datasheet
398Kb / 1P
TOGGLE SWITCH
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
TOGGLE SWITCH
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
TOGGLE SWITCH
logo
Tyco Electronics
4-1437558-8 MACOM-4-1437558-8 Datasheet
487Kb / 3P
TOGGLE SWITCH
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
SWITCH - TOGGLE
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
SWITCH - TOGGLE
2TL1-2 HONEYWELL-ACC-2TL1-2 Datasheet
195Kb / 2P
SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
SWITCH-TOGGLE
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com