Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6T24CA Datasheet (PDF) - STMicroelectronics

SM6T24CA Datasheet PDF - STMicroelectronics
Part # SM6T24CA
Download  SM6T24CA Download
File Size   125.17 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Transil

SM6T24CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6T24CA Datasheet PDF - STMicroelectronics

Part # SM6T24CA
Download  SM6T24CA Click to download

File Size   125.17 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Transil

SM6T24CA Datasheet (HTML) - STMicroelectronics


SM6T24CA Product details

Description
The SM6T Transil series has been designed to protect sensitive equipment against electrostatic discharges according to IEC 61000-4-2 and MIL STD 883, method 3015, and electrical overstress according to IEC 61000-4-4 and 5. These devices are more generally used against surges below 600 W (10/1000 µs).
Planar technology makes these devices suitable for high-end equipment and SMPS where low leakage current and high junction temperature are required to provide reliability and stability over time.
SM6T are packaged in SMB (SMB footprint in accordance with IPC 7531 standard).

Features
■ Peak pulse power:
   – 600 W (10/1000 µs)
   – 4 kW (8/20 µs)
■ Breakdown voltage range: from 6.8 V to 220 V
■ Unidirectional and bidirectional types
■ Low leakage current:
   – 0.2 µA at 25 °C
   – 1 µA at 85 °C
■ Operating Tj max: 150 °C
■ High power capability at Tjmax:
   – 515 W (10/1000 µs)
■ JEDEC registered package outline

Complies with the following standards
■ IEC 61000-4-2 level 4:
   – 15 kV (air discharge)
   – 8 kV (contact discharge)
■ IEC 61000-4-5
■ MIL STD 883G, method 3015-7: class 3B:
   – 25 kV HBM (human body model)
■ UL 497B, file number: QVGQ2.E136224
■ Resin meets UL 94, V0
■ MIL-STD-750, method 2026 soldererability
■ EIA STD RS-481 and IEC 60286-3 packing
■ IPC 7531 footprint




Similar Part No. - SM6T24CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T24CA STMICROELECTRONICS-SM6T24CA Datasheet
186Kb / 5P
TRANSILTM
Aug-2001
logo
MDE Semiconductor, Inc.
SM6T24CA MDE-SM6T24CA Datasheet
86Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SM6T24CA LUGUANG-SM6T24CA Datasheet
2Mb / 5P
600Watts Surface Mount TVS
logo
SUNMATE electronic Co.,...
SM6T24CA SUNMATE-SM6T24CA Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM6T24CAY STMICROELECTRONICS-SM6T24CAY Datasheet
228Kb / 12P
Automotive 600 W Transil
27-Mar-2012
More results


Similar Description - SM6T24CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
TRANSIL
Nov-1992
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
TRANSIL?
Mar-2003
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
TRANSIL
Oct-2004
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
Transil
20-Oct-2010
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
Transil
12-Mar-2012
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
TRANSIL
Feb-2003
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
TRANSIL
Feb-2003
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
Transil?
12-Jul-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com