Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S12DJ256FS Datasheet (PDF) - Freescale Semiconductor, Inc

MC9S12DJ256FS Datasheet PDF - Freescale Semiconductor, Inc
Part # MC9S12DJ256FS
Download  MC9S12DJ256FS Download
File Size   82.3 Kbytes
Page   2 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Microcontrollers

MC9S12DJ256FS Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S12DJ256FS Datasheet PDF - Freescale Semiconductor, Inc

Part # MC9S12DJ256FS
Download  MC9S12DJ256FS Click to download

File Size   82.3 Kbytes
Page   2 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Microcontrollers

MC9S12DJ256FS Datasheet (HTML) - Freescale Semiconductor, Inc


MC9S12DJ256FS Product details

Overview

Freescale Semiconductor’s HCS12 family of microcontrollers (MCUs) is the next generation of the highly successful 68HC12 architecture. Using Freescale’s industry-leading 0.25 µs Flash, the MC9S12DJ256 is part of a pin-compatible family that scales from 32 KB to 512 KB of Flash memory. The DJ256 provides an upward migration path from Freescale’s 68HC08, 68HC11 and 68HC12 architectures for applications that need larger memory, more peripherals and higher performance. Also, with the increasing number of CAN/J1850-based electronic control units (ECUs), its multiple network modules support this environment by enabling highly efficient communications between different network buses.



Features

High-Performance 16-bit HCS12 CPU Core

   > 25 MHz bus operation at 5V for 40 ns minimum instruction cycle time

On-Chip Debug Interface

   > Dedicated serial debug interface

   > On-chip breakpoints

Network Modules

   > Two msCAN modules implementing the CAN 2.0 A/B protocol

     • Five receive buffers per module with FIFO storage scheme

     • Three transmit buffers per module with internal prioritization

   > One J1850 module

Integrated Third-Generation Flash Memory

   > In-application reprogrammable

   > Self-timed, fast programming

     • Fast Flash page erase—20 ms (512 bytes)

     • Can program 16 bits in 20 µs while in burst mode

   > 5V Flash program/erase/read

   > Flash granularity—512 byte Flash erase/2 byte Flash program

   > Four independently programmable Flash arrays

   > Flexible block protection and security

4 KB Integrated EEPROM

   > Flexible protection scheme for protection against accidental program or erase

   > EEPROM can be programmed in 46 µs

10-bit Analog-to-Digital Converter (ADC)

   > Two, 8-channel ADCs

   > 7 µs, 10-bit single conversion time, scan mode available



Target Applications

   > Automotive applications

   > Industrial control




Similar Part No. - MC9S12DJ256FS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12DJ256 MOTOROLA-MC9S12DJ256 Datasheet
2Mb / 130P
MC9S12DT256 Device User Guide V03.03
MC9S12DJ256 MOTOROLA-MC9S12DJ256 Datasheet
373Kb / 14P
16-Bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DJ256 FREESCALE-MC9S12DJ256 Datasheet
781Kb / 132P
Device User Guide V03.07
MC9S12DJ256 FREESCALE-MC9S12DJ256 Datasheet
418Kb / 14P
16-Bit Microcontroller
MC9S12DJ256 FREESCALE-MC9S12DJ256 Datasheet
787Kb / 132P
Device User Guide V03.07
More results


Similar Description - MC9S12DJ256FS

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA80C186 INNOVASIC-IA80C186 Datasheet
22Kb / 2P
16-BIT MICROCONTROLLERS
IA188ES INNOVASIC-IA188ES Datasheet
33Kb / 2P
16-BIT MICROCONTROLLERS
IA186EM INNOVASIC-IA186EM Datasheet
33Kb / 2P
16-BIT MICROCONTROLLERS
logo
fujitsu semiconductor
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
16-bit microcontrollers
MB90335 FUJITSU-MB90335_10 Datasheet
284Kb / 48P
16-bit microcontrollers
MB90350E FUJITSU-MB90350E_08 Datasheet
2Mb / 92P
16-bit Microcontrollers
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com