Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2656T106 Datasheet (PDF) - Rohm

2SD2656T106 Datasheet PDF - Rohm
Part # 2SD2656T106
Download  2SD2656T106 Download
File Size   347.77 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 1A 30V Low Frequency Amplifier Transistors

2SD2656T106 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2656T106 Datasheet PDF - Rohm

Part # 2SD2656T106
Download  2SD2656T106 Click to download

File Size   347.77 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 1A 30V Low Frequency Amplifier Transistors

2SD2656T106 Datasheet (HTML) - Rohm


2SD2656T106 Product details

Features
1) A collector current is large
2) Collector-Emitter saturation voltage is low.
    VCE(sat)≦350mV at IC=500mA /IB=25mA

Application
    LOW FREQUENCY AMPLIFIER, DRIVER




Similar Part No. - 2SD2656T106

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2656 ROHM-2SD2656 Datasheet
75Kb / 3P
General purpose amplification (30V, 1A)
2SD2656 ROHM-2SD2656 Datasheet
347Kb / 7P
NPN 1A 30V Low Frequency Amplifier Transistors
2SD2656FRA ROHM-2SD2656FRA Datasheet
1Mb / 9P
NPN 1A 30V Low Frequency Amplifier Transistors
2SD2656 ROHM-2SD2656_13 Datasheet
347Kb / 7P
NPN 1A 30V Low Frequency Amplifier Transistors
More results


Similar Description - 2SD2656T106

ManufacturerPart #DatasheetDescription
logo
Rohm
US6T5 ROHM-US6T5_1 Datasheet
80Kb / 3P
Low frequency amplifier (-30V, -2A)
US6T7 ROHM-US6T7_1 Datasheet
75Kb / 3P
Low frequency amplifier (-30V, -1.5A)
US6X4 ROHM-US6X4_1 Datasheet
75Kb / 3P
Low frequency amplifier (30V, 2A)
US6X6 ROHM-US6X6_1 Datasheet
75Kb / 3P
Low frequency amplifier (30V, 1.5A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
Midium Power Transistors (30V / 1A)
MP6T11 ROHM-MP6T11 Datasheet
461Kb / 6P
Midium Power Transistors (-30V / -1A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
Midium Power Transistors (30V / 1A)
2SD2656 ROHM-2SD2656_13 Datasheet
347Kb / 7P
NPN 1A 30V Low Frequency Amplifier Transistors
2SCR293P5 ROHM-2SCR293P5 Datasheet
1Mb / 8P
Middle Power Transistors (30V / 1A)
2SD2656FRA ROHM-2SD2656FRA Datasheet
1Mb / 9P
NPN 1A 30V Low Frequency Amplifier Transistors
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com