| Manufacturer | Part # | Datasheet | Description |
 ADTech |
ADT6610
|
254Kb / 21P |
3-channel constant current LED driver that has a wide range of output currents
|
 Allegro MicroSystems |
A6213
|
641Kb / 17P |
The A6213 is a single IC switching regulator that provides constant-current output to drive high-power LEDs.
|
 Omron Electronics LLC |
E2K-L13MC1
|
361Kb / 5P |
Liquid Level Sensor That Is Unaffected by the Color of the Pipe or Liquid
|
 TDK Electronics |
MLK1005S1N0ST000
|
127Kb / 10P |
With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
|
 Zilog, Inc. |
Z51F6412
|
1Mb / 54P |
Power supply level that can be adjusted with potentiometer R20
|
 Alpha & Omega Semicondu... |
AON7230
|
338Kb / 6P |
Logic level driven
|
|
AON7232
|
336Kb / 6P |
Logic Level Driven
|
 PHOENIX CONTACT |
0803316
|
54Kb / 2P |
The marker has two fastening eyes so that it can be attached to the conductor by means of PKB ... cable binders
|
 Shenzhen Huazhimei Semi... |
HM7145
|
563Kb / 8P |
High-voltage linear LED driver IC that can be dimmed by analog and PWM signals
|
 Quelighting Corp |
QLSP08RGBXW-273
|
1Mb / 17P |
This is a multi-color LED that provides high lumen output in the 5050 package.
1.0 11-23-2020 |